Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS3100 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS3100
Description  MICROPOWER VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3100 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS3100 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3100 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3100 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3100 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3100 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3100 Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS3100-2.5
ABSOLUTE MAXIMUM RATINGS
Reverse Current
30mA
Lead Temperature ( 25 Sec)
265
°C
Forward Current
10mA
Operating Temperature Range
-40
°C to 85°C
Storage temperature
-55
°C to +150°C
Thermal Resistance (
θ
JA)
410
°C/W
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100 µA, and TA = +25°C unless otherwise specified.
Parameter
Conditions
AMS3100A-2.5
Min
Typ
Max
AMS3100B-2.5
Min
Typ
Max
AMS3100C-2.5
Min
Typ
Max
Units
Reverse Breakdown
Voltage (Note 3)
IR - 100 µA
2.488
2.500
2.512
2.475
2.500
2.525
2.450
2.500
2.550
V
Reverse Dynamic
Impedance (Note 3)
IR - 100 µA, f =20Hz
0.2
0.60
1
1
Ω
Reverse Breakdown
Voltage Change with
current (Note 3)
10
µA ≤I
R ≤1mA
1mA
≤I
R ≤20mA
1.0
10
1.0
10
2.0
20
mV
Min. Operating
Current (Note 3)
12
20
25
13
20
30
13
20
30
µA
µA
Wide Band Noise
(Note 4)
IR - 100 µA,
10Hz
≤ f ≤ 10kHz
120
120
120
µV
Temperature Coeff.
(Note 5)
25
50
100
150
ppm/°C
Long Term Stability
(Note 4)
TA=25°C±.1°C
T = 1000 Hr
20
20
20
ppm
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the
device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical
Characteristics
. The guaranteed specifications apply only for the test conditions listed.
Note 2: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
Note 3: Guaranteed and 100% production tested
Note 4:. Guaranteed but not 100% production tested. These limits are not used to calculate average outgoing quality levels.
Note 5: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating
TMAX and TMIN, divided by TMAX - TMIN. The measured temperatures are -40°C, 25°C and 85°C.
TYPICAL APPLICATIONS
Wide Input
Micropower Reference
Range Reference
from 9V Battery
3.3k
LM334
OUT
2.5V
AMS3100-2.5
V
IN = 3.7V TO 30V
AMS3100-2.5
2.5V
200k
9V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com