Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2911CD Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS2911CD
Description  1A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2911CD Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS2911CD Datasheet HTML 1Page - Advanced Monolithic Systems AMS2911CD Datasheet HTML 2Page - Advanced Monolithic Systems AMS2911CD Datasheet HTML 3Page - Advanced Monolithic Systems AMS2911CD Datasheet HTML 4Page - Advanced Monolithic Systems AMS2911CD Datasheet HTML 5Page - Advanced Monolithic Systems AMS2911CD Datasheet HTML 6Page - Advanced Monolithic Systems AMS2911CD Datasheet HTML 7Page - Advanced Monolithic Systems AMS2911CD Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2911
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Operating Current
(Adjustable Device)
Short-Circuit Current
Load Regulation
Ripple Rejection vs. Current
Adjust Pin Current
Temperature Stability
0
5
10
15
20
0
3
6
9
12
INPUT/OUTPUT DIFFERENTIAL (V)
0
5
10
15
INPUT/OUTPUT DIFFERENTIAL
0
0.25
0.50
0.75
1.00
1.25
-50
-25
0
25
50
75
100
125
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
TEMPERATURE (°C)
0
0.25
0.5
0.75
1.0
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
-50
-25
0
25
50
75
100
125
150
-2.0
-1.0
0
1.0
2.0
TEMPERATURE (°C)
TEMPERATURE (°C)
-50
-25
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
90
100
T
J = 125°C
T
J = 25°C
f
RIPPLE = 120Hz
f
RIPPLE = 20Hz
V
RIPPLE≤3Vp-p
V
RIPPLE≤0.5Vp-p
∆ I
LOAD = 1A
V
OUT = 5V
C
ADJ = 25µF
C
OUT = 25µF
T
J = 125°C
T
J = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com