Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFC-0603-R10-CT Datasheet(PDF) 2 Page - Abracon Corporation

Part # ATFC-0603-R10-CT
Description  THIN FILM CHIP INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATFC-0603-R10-CT Datasheet(HTML) 2 Page - Abracon Corporation

  ATFC-0603-R10-CT Datasheet HTML 1Page - Abracon Corporation ATFC-0603-R10-CT Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THIN FILM CHIP INDUCTOR
|||||||||||||||
ATFC-0603
1.6 x 0.8 x 0.45mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.24.07
Visit www.abracon.com for Terms & Conditions of Sale
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
TAPE & REEL:
Dimensions: mm
OUTLINE DRAWING:
C
T
W
W
E
F
ψ D 0
P 1
P
2
P 0
d ire c tio n o f un re e lin g
A
A
B
B
T op T a p e
B o tto m T ap e
P ape r T a p e
T
ABRACON P/N
ΦA
ΦB
ΦC
W
T
Paper Tape (EA)
Series
CD
AB
Codes
A
B
W
E
F
Codes
P0
P1
P2
ΦD0
T
Dimensions: Inches
(mm)
C
B
D
D
A
T
Tape & Reel
ATFC - 0603 -
-
-
Please refer to the
Table above.
g
n
i
g
a
k
c
a
P
e
d
o
C
e
c
n
a
t
c
u
d
n
I
J±5%
H±3%
G±2%
F±1%
S
±0.3 nH
C
±0.2 nH
B
±0.1 nH
Inductance Tolerance
0.018±0.004
0.012±0.008
(0.45±0.10)
(0.3±0.20)
0.063±0.004
(1.6±0.10)
0.031±0.004
(0.8±0.10)
ATFC-0603
ATFC-0603
1.10±0.05
1.90±0.05
8.00±0.10
1.75±0.05
3.5±0.05
ATFC-0603
4.00±0.10
4.00±0.10
2.00±0.05
1.55±0.05
0.60±0.03
ATFC-0603
Abracon Part



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com