Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000F Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # R2000F
Description  HIGH VOLTAGE FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

R2000F Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  R2000F Datasheet HTML 1Page - UNIOHM CORPORATION R2000F Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 0.5A/0.2A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
500
200
30
5.0
100
500
mA
A
V
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.34 grams
R1200F THRU R2500F
2.0
3.0
*
VOLTAGE RANGE
1200 to 2500 Volts
CURRENT
500 & 200 m Ampere
V
R1200F
R1500F R1600F
R1800F
R2000F R2500F UNITS
1200
1500
1600
1800
2000
2500
1200
1500
1600
1800
2000
2500
840
1050
1120
1260
1400
1750
V
V
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
40
-65
+175
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
DIA.
.107(2.7)
.080(2.0)
DIA.
Operating and Storage Temperature Range TJ, TSTG
C
A
A


Similar Part No. - R2000F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2000F RECTRON-R2000F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Jinan Gude Electronic D...
R2000F JGD-R2000F Datasheet
128Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Bytes
R2000F BYTES-R2000F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Dc Components
R2000F DCCOM-R2000F Datasheet
410Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
R2000F DIODES-R2000F Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21102 Rev. G-2
More results

Similar Description - R2000F

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
R1200F JGD-R1200F Datasheet
128Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Bytes
R1200F BYTES-R1200F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP02-12E EIC-RGP02-12E Datasheet
19Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Formosa MS
R1200F FORMOSA-R1200F Datasheet
34Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
HFR125 EIC-HFR125 Datasheet
36Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
R2500F SEMTECH_ELEC-R2500F Datasheet
287Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
R1200F GWSEMI-R1200F Datasheet
68Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
R3000F LRC-R3000F_15 Datasheet
339Kb / 7P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
R1500F DGNJDZ-R1500F Datasheet
283Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
GR15-G-2 EIC-GR15-G-2 Datasheet
435Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com