Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP6NC80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP6NC80Z
Description  N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D²PAK/I²PAK Zener-Protected PowerMESH™ III MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6NC80Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP6NC80Z Datasheet HTML 1Page - STMicroelectronics STP6NC80Z Datasheet HTML 2Page - STMicroelectronics STP6NC80Z Datasheet HTML 3Page - STMicroelectronics STP6NC80Z Datasheet HTML 4Page - STMicroelectronics STP6NC80Z Datasheet HTML 5Page - STMicroelectronics STP6NC80Z Datasheet HTML 6Page - STMicroelectronics STP6NC80Z Datasheet HTML 7Page - STMicroelectronics STP6NC80Z Datasheet HTML 8Page - STMicroelectronics STP6NC80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
December 2002
STP6NC80Z - STP6NC80ZFP
STB6NC80Z - STB6NC80Z-1
N-CHANNEL 800V - 1.5
Ω - 5.4A TO-220/FP/D²PAK/I²PAK
Zener-Protected PowerMESH™III MOSFET
s
TYPICAL RDS(on) = 1.5 Ω
s
EXTREMELY HIGH dv/dt AND CAPABILITY
GATE-TO- SOURCE ZENER DIODES
s
100% AVALANCHE TESTED
s
VERY LOW GATE INPUT RESISTANCE
s
GATE CHARGE MINIMIZED
DESCRIPTION
The third generation of MESH OVERLAY™ Power
MOSFETs for very high voltage exhibits unsurpassed
on-resistance per unit area while integrating back-to-
back Zener diodes between gate and source. Such ar-
rangement gives extra ESD capability with higher rug-
gedness performance as requested by a large variety
of single-switch applications.
APPLICATIONS
s
SINGLE-ENDED SMPS IN MONITORS,
COMPUTER AND INDUSTRIAL APPLICATION
s
WELDING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP6NC80Z/FP
800V
< 1.8
Ω
5.4 A
STB6NC80Z/-1
800V
< 1.8
Ω
5.4 A
Symbol
Parameter
Value
Unit
STP(B)6NC80Z(-1)
STP6NC80ZFP
VDS
Drain-source Voltage (VGS =0)
800
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
800
V
VGS
Gate- source Voltage
± 25
V
ID
Drain Current (continuous) at TC = 25°C
5.4
5.4(*)
A
ID
Drain Current (continuous) at TC = 100°C
3.4
3.4(*)
A
IDM (1)
Drain Current (pulsed)
21
21(*)
A
PTOT
Total Dissipation at TC = 25°C
125
40
W
Derating Factor
1
0.32
W/°C
IGS
Gate-source Current (q)±50
mA
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=15K
Ω)
3KV
dv/dt
Peak Diode Recovery voltage slope
3
V/ns
VISO
Insulation Winthstand Voltage (DC)
--
2000
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤5.4A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
.(*)Pulse width Limited by maximum temperature allowed
TO-220
1
2
3
TO-220FP
1
2
3
I²PAK
(Tabless TO-220)
1
3
D²PAK


Similar Part No. - STP6NC80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NC60 STMICROELECTRONICS-STP6NC60 Datasheet
364Kb / 10P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH™ II MOSFET
May-2001
logo
Inchange Semiconductor ...
STP6NC60 ISC-STP6NC60 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP6NC60FP STMICROELECTRONICS-STP6NC60FP Datasheet
364Kb / 10P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH™ II MOSFET
May-2001
logo
Inchange Semiconductor ...
STP6NC60FP ISC-STP6NC60FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP6NC90Z STMICROELECTRONICS-STP6NC90Z Datasheet
532Kb / 13P
N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D²PAK/I²PAK Zener-Protected PowerMESH™ 줚II MOSFET
July 2002
More results

Similar Description - STP6NC80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NC80Z STMICROELECTRONICS-STP4NC80Z Datasheet
526Kb / 13P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Dec-2002
STP4NC80ZFP STMICROELECTRONICS-STP4NC80ZFP Datasheet
543Kb / 14P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Nov-2003
STP6NC90Z STMICROELECTRONICS-STP6NC90Z Datasheet
532Kb / 13P
N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D²PAK/I²PAK Zener-Protected PowerMESH™ 줚II MOSFET
July 2002
STP7NC80Z STMICROELECTRONICS-STP7NC80Z Datasheet
542Kb / 13P
N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
STW7NC80Z STMICROELECTRONICS-STW7NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
Jul-2000
logo
Xian Semipower Electron...
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
N-channel D-PAK/I-PAK/TO-92 MOSFET
SW4N60B SEMIPOWER-SW4N60B Datasheet
946Kb / 7P
N-channel I-PAK/D-PAK/TO-220F MOSFET
SW4N60K SEMIPOWER-SW4N60K Datasheet
678Kb / 6P
N-channel TO-220F/I-PAK/D-PAK MOSFET
SW50N06T SEMIPOWER-SW50N06T Datasheet
747Kb / 6P
N-channel D-PAK/TO-220 MOSFET
SW830D1 SEMIPOWER-SW830D1 Datasheet
911Kb / 6P
N-channel TO-220/I-PAK/D-PAK/TO-220F MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com