Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2012G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS2012G
Description  High Precision Power Splitter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2012G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS2012G Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Precision Power Splitter
PS Series
Power splitter with excellent high frequency characteristics for applications from
DC 20GHz Bit error is restrained by keeping high frequency digital signal stable
Offer standard type with ground and custom type designed to customer' specification.
PS 1608 G T2 - R50 - T1(T5)
Impedance (50 )
Package (T1:1,000pcs/reel, T5:5,000pcs/reel)
Number of output terminal (T2 2 terminals)
Type(G standard)
Part Code
Dimensions
SPECIFICATIONS
PART NUMBER
susumu group catalog
Dimension
(Inch Size)
PS3216(G)
(1206)
PS5025(G)
(2010)
L
W
a
b
t
3.2 0.2
1.6 0.2
0.3 0.1
0.35 0.1
0.4 0.1
PS2012(G)
(0805)
2.0 0.2
1.25 0.2
0.4 0.1
0.3 0.1
0.4 0.1
PS1608(G)
(0603)
1.6 0.2
0.8 0.2
0.4 0.1
0.3 0.1
0.4 0.1
5.0 0.2
2.5 0.2
0.35 0.1
0.65 0.1
0.8 0.15
W
t
L
a
b
b
RR
R
R 16.67
Input
Output
Output
Back side
No ground for custom type
Front side
Type
Standard type
Operating frequency
Insertion loss
Input power
PS1608G
DC 20GHz
6 0.5dB(DC 10GHz)
6 1.0dB(10GHz 20GHz)
VSWR
1.3(DC 10GHz)
1.5(10GHz 20GHz)
Max overload power
*Standard type with ground on back side can gain stable performance regardless of circuit characteristics
*Custom type without ground on back side can be designed according to specific circuit
• Please ask as for chip custom type with demension of 1.0*0.5mm
• Simplified pattern can be realized as ground is not required on the surface of circuit
Split diviation
PS2012G
DC 17.5GHz
6 0.5dB(DC 10GHz)
6 1.0dB(10GHz 17.5GHz)
1.3(DC 10GHz)
1.5(10GHz 17.5GHz)
PS3216G
DC 15GHz
6 0.5dB(DC 10GHz)
6 1.0dB(10GHz 15GHz)
1.3(DC 10GHz)
1.5(10GHz 15GHz)
max.0.3dB
PS5025G
DC 10GHz
100mW
125mW
250mW
500mW
200mW
250mW
500mW
1000mW
1,000
•5,000pcs/reel
6 0.5dB(DC 7.5GHz)
6 1.0dB(7.5GHz 10GHz)
1.3(DC 7.5GHz)
1.5(7.5GHz 10GHz)
Operating temperature
Package
40 125 C
Mechanical
Equivalent circuit
Electrical
Completely lead free
RoHS compliant
( unit : mm)


Similar Part No. - PS2012G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS201 PANJIT-PS201 Datasheet
44Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 2.0 Amperes)
PS201 PANJIT-PS201 Datasheet
59Kb / 2P
PLASTIC SILICON RECTIFIER
PS201 PANJIT-PS201 Datasheet
52Kb / 2P
PLASTIC SILICON RECTIFIER
PS2010 PANJIT-PS2010 Datasheet
44Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 2.0 Amperes)
PS2010 PANJIT-PS2010 Datasheet
59Kb / 2P
PLASTIC SILICON RECTIFIER
More results

Similar Description - PS2012G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2426 TI-TLE2426 Datasheet
344Kb / 22P
THE RAIL SPLITTER PRECISION VIRTUAL GROUND
logo
American Accurate Compo...
PPS-05A-50R0MLF AAC-PPS-05A-50R0MLF Datasheet
171Kb / 2P
POWER SPLITTER - High Precision Power Chip Divider
logo
Texas Instruments
TLE2426-EP TI1-TLE2426-EP Datasheet
546Kb / 15P
RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-Q1 TI1-TLE2426-Q1 Datasheet
235Kb / 15P
THE "RAIL SPLITTER" PRECISION VIRTUAL GROUND
TLE2426IDRG4 TI1-TLE2426IDRG4 Datasheet
1Mb / 30P
THE RAIL SPLITTER PRECISION VIRTUAL GROUND
logo
Level One
POS-4000 LVL1-POS-4000 Datasheet
1Mb / 3P
High Power PoE Splitter 12V
logo
Texas Instruments
TLE2426-EP TI1-TLE2426-EP_16 Datasheet
763Kb / 15P
RAIL SPLITTER PRECISION VIRTUAL GROUND
logo
Pulse A Technitrol Comp...
DASSPLIT2WNF PULSE-DASSPLIT2WNF Datasheet
398Kb / 1P
Power Splitter
logo
Mini-Circuits
SYPJ-2-5W-52 MINI-SYPJ-2-5W-52 Datasheet
423Kb / 1P
High Power Splitter
ZB4PD-332HP MINI-ZB4PD-332HP Datasheet
249Kb / 2P
High Power Splitter Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com