Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP6NK60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP6NK60
Description  N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6NK60 Datasheet(HTML) 1 Page - STMicroelectronics

  STP6NK60 Datasheet HTML 1Page - STMicroelectronics STP6NK60 Datasheet HTML 2Page - STMicroelectronics STP6NK60 Datasheet HTML 3Page - STMicroelectronics STP6NK60 Datasheet HTML 4Page - STMicroelectronics STP6NK60 Datasheet HTML 5Page - STMicroelectronics STP6NK60 Datasheet HTML 6Page - STMicroelectronics STP6NK60 Datasheet HTML 7Page - STMicroelectronics STP6NK60 Datasheet HTML 8Page - STMicroelectronics STP6NK60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
April 2003
STP6NK60Z - STP6NK60ZFP
STB6NK60Z - STB6NK60Z-1
N-CHANNEL 600V - 1
Ω - 6A TO-220/TO-220FP/D2PAK/I2PAK
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 1 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
s
LIGHTING
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP6NK60Z
STP6NK60ZFP
STB6NK60Z
STB6NK60Z-1
600 V
600 V
600 V
600 V
< 1.2
Ω
< 1.2
Ω
< 1.2
Ω
< 1.2
Ω
6A
6A
6A
6A
110 W
32 W
110 W
110 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP6NK60Z
P6NK60Z
TO-220
TUBE
STP6NK60ZFP
P6NK60ZFP
TO-220FP
TUBE
STB6NK60ZT4
B6NK60Z
D
2PAK
TAPE & REEL
STB6NK60Z-1
B6NK60Z
I2PAK
TUBE
TO-220
TO-220FP
1
2
3
1
3
D2PAK
1
2
3
I2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP6NK60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
558Kb / 17P
N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
23-May-2007
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
444Kb / 17P
N-channel 600 V - 1 Ω - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
22-Nov-2007
logo
Inchange Semiconductor ...
STP6NK60Z ISC-STP6NK60Z Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP6NK60Z VBSEMI-STP6NK60Z Datasheet
1Mb / 9P
N-Channel 600V (D-S)Power MOSFET
logo
STMicroelectronics
STP6NK60ZFP STMICROELECTRONICS-STP6NK60ZFP Datasheet
558Kb / 17P
N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
23-May-2007
More results

Similar Description - STP6NK60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NK40Z STMICROELECTRONICS-STP11NK40Z Datasheet
579Kb / 12P
N-CHANNEL 400V - 0.49ohm - 9A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
Apr-2003
STP11NK50Z STMICROELECTRONICS-STP11NK50Z Datasheet
585Kb / 12P
N-CHANNEL 500V - 0.48ohm - 10A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
Jun-2003
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STP6NC60 STMICROELECTRONICS-STP6NC60 Datasheet
364Kb / 10P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH™ II MOSFET
May-2001
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
588Kb / 13P
N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
June 2002
STP9NK65Z STMICROELECTRONICS-STP9NK65Z Datasheet
158Kb / 7P
N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH™ 줡ower MOSFET
July 2003
STP9NK70Z STMICROELECTRONICS-STP9NK70Z Datasheet
664Kb / 14P
N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
April 2002
STB6NK60Z STMICROELECTRONICS-STB6NK60Z Datasheet
558Kb / 17P
N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
23-May-2007
STP5NK60Z STMICROELECTRONICS-STP5NK60Z_02 Datasheet
585Kb / 12P
N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH™줡ower MOSFET
Sep-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com