Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P75NF Datasheet(PDF) 1 Page - STMicroelectronics

Part # P75NF
Description  N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P75NF Datasheet(HTML) 1 Page - STMicroelectronics

  P75NF Datasheet HTML 1Page - STMicroelectronics P75NF Datasheet HTML 2Page - STMicroelectronics P75NF Datasheet HTML 3Page - STMicroelectronics P75NF Datasheet HTML 4Page - STMicroelectronics P75NF Datasheet HTML 5Page - STMicroelectronics P75NF Datasheet HTML 6Page - STMicroelectronics P75NF Datasheet HTML 7Page - STMicroelectronics P75NF Datasheet HTML 8Page - STMicroelectronics P75NF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
April 2002
.
STP75NF75L
STB75NF75L STB75NF75L-1
N-CHANNEL 75V - 0.009
Ω - 75A D2PAK/I2PAK/TO-220
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.009Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW THRESHOLD DRIVE
DESCRIPTION
This MOSFET series realized with STMicroelectronics
unique STripFET process has specifically been designed
to minimize input capacitance and gate charge. It is
therefore suitable as primary switch in advanced high-
efficiency, high-frequency isolated DC-DC converters for
Telecom and Computer applications. It is also intended
for any applications with low gate drive requirements
.
APPLICATIONS
s
SOLENOID AND RELAY DRIVERS
s
DC MOTOR CONTROL
s
DC-DC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT
TYPE
VDSS
RDS(on)
ID
STB75NF75L/-1
STP75NF75L
75 V
75 V
<0.011
Ω
<0.011
Ω
75 A
75 A
1
2
3
1
3
1
2
3
TO-220
D2PAK
TO-263
I2PAK
TO-262
ABSOLUTE MAXIMUM RATINGS
(
•) Current limited by package
(
••) Pulse width limited by safe operating area.
(1) ISD ≤ 75A, di/dt ≤ 500A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25 oC, ID = 37.5A, VDD = 30V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
75
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
75
V
VGS
Gate- source Voltage
± 15
V
ID(•)
Drain Current (continuous) at TC = 25°C
75
A
ID
Drain Current (continuous) at TC = 100°C
70
A
IDM(••)
Drain Current (pulsed)
300
A
Ptot
Total Dissipation at TC = 25°C
300
W
Derating Factor
2
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
20
V/ns
EAS (2)
Single Pulse Avalanche Energy
680
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - P75NF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P75NF STMICROELECTRONICS-P75NF Datasheet
473Kb / 11P
N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D²PAK STripFET™ II POWER MOSFET
27-Feb-2007
logo
Thinki Semiconductor Co...
P75NF75 THINKISEMI-P75NF75 Datasheet
1Mb / 5P
75V,80A Heatsink Planar N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
P75NF75 ISC-P75NF75 Datasheet
331Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
P75NF758 STMICROELECTRONICS-P75NF758 Datasheet
422Kb / 16P
N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
27-Feb-2007
More results

Similar Description - P75NF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB75NE75 STMICROELECTRONICS-STB75NE75 Datasheet
86Kb / 8P
N - CHANNEL 75V - 0.01 ohm - 75A - D2PAK STripFET] POWER MOSFET
Mar-1999
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Feb-2002
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET™II POWER MOSFET
February 2001
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Mar-2002
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Nov-2001
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
May-2003
STB200NF04L STMICROELECTRONICS-STB200NF04L Datasheet
358Kb / 12P
N-CHANNEL 40V - 3 m ohm - 120 A TO-220/D2PAK/I2PAK STripFET II MOSFET
Apr-2005
STB75NF75L STMICROELECTRONICS-STB75NF75L_07 Datasheet
334Kb / 13P
N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
13-Jul-2007
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com