Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBF2012-245-R4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TBF2012-245-R4
Description  Thin Film Chip LC Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TBF2012-245-R4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TBF2012-245-R4 Datasheet HTML 1Page - List of Unclassifed Manufacturers TBF2012-245-R4 Datasheet HTML 2Page - List of Unclassifed Manufacturers TBF2012-245-R4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thin Film Chip LC Filter
W-LAN, Bluetooth(Band-Pass Filter)
TBF series
NEW
Low top max. 0.4mm and small size.
Excellent loss characteristics.
SPECIFICATIONS
susumu group catalog
Completely lead free
RoHS compliant
Mechanical
Electrical
TBL 1608 - 245 - M2
Center Frequency F0
Type(see electrical characteristics table)
Part Code
Dimension
PART NUMBER
Dimension
(mm)
TBF1005-
245-F1
L
W
T
a
b
c
d
1.0 0.1
0.5 0.1
0.4 0.1
0.4 0.1
0.15 0.05
0.15 0.05
0.25 0.05
Dimension
(mm)
TBF1005
L
W
T
a
b
1.0 0.05
0.5 0.05
0.5 max
0.2 0.05
0.3 0.05
TBF1608
1.6 0.1
0.8 0.1
0.4 max
0.6 0.1
0.4 0.1
TBF2012
2.0 0.1
1.25 0.1
0.4 max
0.75 0.1
0.4 0.1
①
②
③
④
⑤
⑥
F1
Input
GND
Output
Input
GND
Output
①
②
③
④
TBF1005
GND
GND
Input
Output
TBF1608
Input
Output
GND
GND
TBF2012
Output
Input
GND
GND
Band-Pass Filter
TBF1608-245-R1N
TBF2012-245-R1
2.0 Max.
50
500mW Max.
For Bluetooth, W-LAN
2450
2400 2500
1.7dB at 25 C
1.9dB at
40 85 C
For Bluetooth, W-LAN
2450
2400 2500
1.5dB at 25 C
1.6dB at
40 85 C
20.0dB at 1710 1910MHz
30.0dB at 4800 5000MHz
30.0dB at 7200 7500MHz
TBF1005-181-F1
For DCS
1810
1710 1910
2.0dB at 25 C
2.3dB at
40 85 C
20.0dB at 855 955MHz
10.0dB at 2565 2865MHz
30.0dB at 880 960MHz
25.0dB at 1710 1910MHz
30.0dB at 4800 5000MHz
30.0dB at 7200 7500MHz
TBF-1005-245-F1
For Bluetooth, W-LAN
2450
2400 2500
2.5dB at 25 C
2.8dB at
40 85 C
30.0dB at 824 960MHz
25.0dB at 1700 1900MHz
30.0dB at 4800 5000MHz
20.0dB at 7200 7500MHz
TBF2012-245-R4
For Bluetooth, W-LAN
2450
2400 2500
2.5dB at 25 C
40.0dB at 880 960MHz
35.0dB at 1710 1990MHz
20.0dB at 2110 2170MHz
30.0dB at 4800 5000MHz
20.0dB at 7200 7500MHz
Type
Application
F0(MHz)
Band(MHz)
VSWR in BW
Impedance
Power
Insertion Loss
Attenuation
TBF-1005-245-F1
TBFseries (except "TBF-1005-245-F1")
L
W
T
b
c
a
d
①
②
③
⑥
⑤
④
W
①
③
②
④
a
b
LT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com