Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSX-325F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSX-325F
Description  CRYSTAL CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSX-325F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSX-325F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.citizen.co.jp/english/crystal/index.html
22
■FEATURES
7High-density SMD type.
7Ultra-light weight and ultraminiature size.
7Low current consumption.
7Suitable for various applications such as
communication devices, AV devices, automotive
devices and measuring instruments.
7Automatic mounting and reflowable type.
■DIMENSION [mm]
■SOLDER PAD LAYOUT [mm]
3.2±0.2
#4
#1
#3
#2
#4
#1
#3
#2
1.2
0.9
#1 pin marking
Pin No.
#1
#2
#3
#4
Connection
OPEN or Vdd
GND
OUT
Vdd
Pin Assignment
2.4
1.4
CSX-325F SERIES
CMOS level(1/2 Vdd)
VOH
VOL
0.2Vdd⇔0.8Vdd
(@)
(*)
(No load)
CSX-325F(@)
(*)
Life-size
■STANDARD SPECIFICATIONS
Item
Model
*Model is determined by the selection for the output enable or stand-by function, the frequency stability and the supply voltage.
CRYSTAL CLOCK OSCILLATORS (SMD • Ceramic Package)
2000pcs/reel
Frequency Range
Supply Voltag
Frequency Stability
Operating Temperature Range
Storage Temperature Range
Current consumption
Duty
Output Voltage
Output Load
Rise and Fall Time
Start-up time
Aging (first year)
12.500MHz∼54.000MHz
H : Vdd=2.5V±0.1V
J : Vdd=3.3V±0.1V
B : ±50ppm, C : ±100ppm, E : ±50ppm(−40℃∼+85℃),F : ±100ppm(−40℃∼+85℃)
−
20℃∼+70℃(−40℃∼+85℃)
−
55℃∼+125℃
5mA Max.(<30.0MHz)/ 7mA Max.(<54.0MHz)
40∼60%
0.8Vdd Min.
0.2Vdd Max.
CMOS 15pF Max.
10 nsec Max.
10 msec Max.
±2ppm / year Max.


Similar Part No. - CSX-325F

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CSX-325F CITIZEN-CSX-325F Datasheet
83Kb / 1P
CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - CSX-325F

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com