Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP7NB80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP7NB80
Description  N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NB80 Datasheet(HTML) 1 Page - STMicroelectronics

  STP7NB80 Datasheet HTML 1Page - STMicroelectronics STP7NB80 Datasheet HTML 2Page - STMicroelectronics STP7NB80 Datasheet HTML 3Page - STMicroelectronics STP7NB80 Datasheet HTML 4Page - STMicroelectronics STP7NB80 Datasheet HTML 5Page - STMicroelectronics STP7NB80 Datasheet HTML 6Page - STMicroelectronics STP7NB80 Datasheet HTML 7Page - STMicroelectronics STP7NB80 Datasheet HTML 8Page - STMicroelectronics STP7NB80 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP7NB80
STP7NB80FP
N - CHANNEL 800V - 1.2
Ω - 6.5A - TO-220/TO-220FP
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 1.2
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
April 1999
TO-220
TO-220FP
1
2
3
1
2
3
TYPE
VDSS
RDS(on)
ID
ST P7NB80
ST P7NB80FP
800 V
800 V
<1.5
Ω
<1.5
Ω
6.5 A
6.5 A
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
STP7NB80
STP7NB80F P
VDS
Drain-source Volt age (VGS =0)
800
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
800
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC6.5
6.5(*)
A
ID
Drain Current (continuous) at Tc = 100
oC4.1
4.1(*)
A
IDM (
•)
Drain Current (pulsed)
26
26
A
Ptot
T otal Dissipation at Tc =25
oC
135
40
W
Derat ing Factor
1.08
0.32
W /
o C
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
4.5
V/ns
VISO
Insulat ion Withstand Voltage (DC)
--
2000
o C
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operat ing Junction T emperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 6.5A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
(
*) Limited only maximum temperature allowed
1/9


Similar Part No. - STP7NB80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP7NB80 ISC-STP7NB80 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
STP7NB80FP ISC-STP7NB80FP Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP7NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP5NB100 STMICROELECTRONICS-STP5NB100 Datasheet
106Kb / 9P
N - CHANNEL 1000V - 2.4ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Feb-2000
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP7NC80Z STMICROELECTRONICS-STP7NC80Z Datasheet
542Kb / 13P
N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
STW7NB80 STMICROELECTRONICS-STW7NB80 Datasheet
88Kb / 8P
N-CHANNEL 800V - 1.6ohm - 6.5A - TO-247 PowerMESH MOSFET
Dec-1999
STW8NB80 STMICROELECTRONICS-STW8NB80 Datasheet
50Kb / 5P
N - CHANNEL 800V - 1.2ohm - 7.5A - TO-247 PowerMESH MOSFET
Jan-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com