Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3218IPZP Datasheet(PDF) 29 Page - Texas Instruments

Part # TAS3218IPZP
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218IPZP Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS3218IPZP Datasheet HTML 25Page - Texas Instruments TAS3218IPZP Datasheet HTML 26Page - Texas Instruments TAS3218IPZP Datasheet HTML 27Page - Texas Instruments TAS3218IPZP Datasheet HTML 28Page - Texas Instruments TAS3218IPZP Datasheet HTML 29Page - Texas Instruments TAS3218IPZP Datasheet HTML 30Page - Texas Instruments TAS3218IPZP Datasheet HTML 31Page - Texas Instruments TAS3218IPZP Datasheet HTML 32Page - Texas Instruments TAS3218IPZP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
I
2C Control Interface
General I2C Transactions
Start
(by master)
Acknowledge
(by TAS3208)
(See Note A)
Start Condition
I2C_SDA
while I2C_SCL = 1
↓
MSB
MSB–1
S
S
0
0
1
1
1
MSB–2
LSB
Stop Condition
I2C_SDA
while I2C_SCL = 1
↑
Acknowledge
(by receiver)
Acknowledge
(by receiver)
Read or Write
(by master)
Stop
(by master)
I2C_SDA
I2C_SCL
Data Byte
(by transmitter)
Slave Address
(By master)
Data Byte
(by transmitter)
TAS3218
www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008
The M8051 microprocessor receives and distributes I2C data to the I2C bus controllers, and participates in most
I2C processing tasks requiring multi-frame processing cycles. The master and slave interfaces do not operate
simultaneously.
The I2C communication protocol for the I2C slave mode is shown in Figure 19.
A.
Bits CS1 and CS0 in the TAS3218 slave address are compared to the logic levels on pins CS0 and CS1 for address
verification. This provides the ability to address up to four TAS3218 chips on the same I2C bus.
Figure 19. I2C Slave Mode Communication Protocol
The I2C bus employs two signals; SDA (data) and SCL (clock), to communicate between integrated circuits in a
system. Data is transferred on the bus serially one bit at a time. The address and data be transferred in byte
(8-bit) format with the most-significant bit (MSB) transferred first. In addition, each byte transferred on the bus is
acknowledged by the receiving device with an acknowledge bit. Each transfer operation begins with the master
device driving a start condition on the bus and ends with the master device driving a stop condition on the bus.
The bus uses transitions on the data terminal (SDA) while the clock is HIGH to indicate a start and stop
conditions. A HIGH-to-LOW transition on SDA indicates a start, and a LOW-to-HIGH transition indicates a stop.
Normal data bit transitions must occur within the low time of the clock period. The master generate the 7-bit slave
address and the read/write (R/W) bit to open communication with another device and then wait for an
acknowledge condition. The slave holds SDA LOW during acknowledge clock period to indicate an
acknowledgement. When this occurs, the master transmits the next byte of the sequence. Each device is
addressed by a unique 7-bit slave address plus R/W bit (1 byte). All compatible devices share the same signals
via a bi-directional bus using a wired-AND connection. An external pull-up resistor must be used for the SDA and
SCL signals to set the HIGH level for the bus.
There is no limit on the number of bytes that can be transmitted between start and stop conditions. When the last
word transfers, the master generates a stop condition to release the bus.
A read transaction requires that the master device first issue a write transaction to give the TAS3218 the sub
address to be used in the read transaction that follows. This sub address assignment write transaction is then
followed by the read transaction. For write transactions, the sub address is supplied in the first byte of data
written, and this byte is followed by the data to be written. For write transactions, the sub address must always
be included in the data written. There cannot be a separate write transaction to supply the sub address, as was
required for read transactions. If a subaddress assignment only write transaction is followed by a second write
transaction supplying the data, erroneous behavior results. The first byte in the second write transaction is
interpreted by the TAS3218 as another sub address replacing the one previously written.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com