Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3205ZPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF3205ZPBF
Description  AUTOMOTIVE MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3205ZPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF3205ZPBF Datasheet HTML 1Page - International Rectifier IRF3205ZPBF Datasheet HTML 2Page - International Rectifier IRF3205ZPBF Datasheet HTML 3Page - International Rectifier IRF3205ZPBF Datasheet HTML 4Page - International Rectifier IRF3205ZPBF Datasheet HTML 5Page - International Rectifier IRF3205ZPBF Datasheet HTML 6Page - International Rectifier IRF3205ZPBF Datasheet HTML 7Page - International Rectifier IRF3205ZPBF Datasheet HTML 8Page - International Rectifier IRF3205ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IRF3205ZS/LPbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0.2
0.6
1.0
1.4
1.8
2.2
VSD, Source-toDrain Voltage (V)
0.1
1.0
10.0
100.0
1000.0
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
VDS, Drain-to-Source Voltage (V)
0
1000
2000
3000
4000
5000
6000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
0
20
40
60
80
100
120
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= 44V
VDS= 28V
VDS= 11V
ID= 66A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com