Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP7NC80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP7NC80Z
Description  N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NC80Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP7NC80Z Datasheet HTML 1Page - STMicroelectronics STP7NC80Z Datasheet HTML 2Page - STMicroelectronics STP7NC80Z Datasheet HTML 3Page - STMicroelectronics STP7NC80Z Datasheet HTML 4Page - STMicroelectronics STP7NC80Z Datasheet HTML 5Page - STMicroelectronics STP7NC80Z Datasheet HTML 6Page - STMicroelectronics STP7NC80Z Datasheet HTML 7Page - STMicroelectronics STP7NC80Z Datasheet HTML 8Page - STMicroelectronics STP7NC80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
May 2003
STP7NC80Z - STP7NC80ZFP
STB7NC80Z - STB7NC80Z-1
N-CHANNEL 800V - 1.3
Ω - 6.5A TO-220/FP/D2PAK/I2PAK
Zener-Protected PowerMESH™III MOSFET
s
TYPICAL RDS(on) = 1.3Ω
s
EXTREMELY HIGH dv/dt AND CAPABILITY
GATE TO - SOURCE ZENER DIODES
s
100% AVALANCHE TESTED
s
VERY LOW GATE INPUT RESISTANCE
s
GATE CHARGE MINIMIZED
DESCRIPTION
The third generation of MESH OVERLAY™ Power
MOSFETs for very high voltage exhibits unsur-
passed on-resistance per unit area while integrating
back-to-back Zener diodes between gate and
source. Such arrangement gives extra ESD capabil-
ity with higher ruggedness performance as request-
ed by a large variety of single-switch applications.
APPLICATIONS
s
SINGLE-ENDED SMPS IN MONITORS,
COMPUTER AND INDUSTRIAL APPLICATION
s
WELDING EQUIPMENT
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
STP7NC80Z
STP7NC80ZFP
STB7NC80Z
STB7NC80Z-1
800 V
800 V
800 V
800 V
< 1.5
Ω
< 1.5
Ω
< 1.5
Ω
< 1.5
Ω
6.5 A
6.5 A
6.5 A
6.5 A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP7NC80Z
P7NC80Z
TO-220
TUBE
STP7NC80ZFP
P7NC80ZFP
TO-220FP
TUBE
STB7NC80ZT4
B7NC80Z
D2PAK
TAPE&REEL
STB7NC80Z-1
B7NC80Z
I2PAK
TUBE
TO-220
TO-220FP
1
2
3
I2PAK
(Tabless TO-220)
1
2
3
1
3
D2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP7NC80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NC40 STMICROELECTRONICS-STP7NC40 Datasheet
244Kb / 8P
N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH™ I MOSFET
Mar-2001
logo
Inchange Semiconductor ...
STP7NC40 ISC-STP7NC40 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP7NC70Z STMICROELECTRONICS-STP7NC70Z Datasheet
529Kb / 13P
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
STP7NC70ZFP STMICROELECTRONICS-STP7NC70ZFP Datasheet
529Kb / 13P
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
More results

Similar Description - STP7NC80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
March 2003
STP4NC80Z STMICROELECTRONICS-STP4NC80Z Datasheet
526Kb / 13P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Dec-2002
STP4NC80ZFP STMICROELECTRONICS-STP4NC80ZFP Datasheet
543Kb / 14P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Nov-2003
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh™ I MOSFET
Dec-2002
STP6NC80Z STMICROELECTRONICS-STP6NC80Z Datasheet
511Kb / 13P
N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D²PAK/I²PAK Zener-Protected PowerMESH™ III MOSFET
Dec-2002
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
STP7NC70Z STMICROELECTRONICS-STP7NC70Z Datasheet
529Kb / 13P
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
STP8NC70Z STMICROELECTRONICS-STP8NC70Z Datasheet
532Kb / 13P
N-CHANNEL 700V - 0.90ohm - 6.8A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™III MOSFET
Dec-2002
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
June 2002
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com