Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP80NF10FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP80NF10FP
Description  N-CHANNEL 100V - 0.012ohm - 80A TO-220/TO-220FP LOW GATE CHARGE STripFET™ I POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NF10FP Datasheet(HTML) 1 Page - STMicroelectronics

  STP80NF10FP Datasheet HTML 1Page - STMicroelectronics STP80NF10FP Datasheet HTML 2Page - STMicroelectronics STP80NF10FP Datasheet HTML 3Page - STMicroelectronics STP80NF10FP Datasheet HTML 4Page - STMicroelectronics STP80NF10FP Datasheet HTML 5Page - STMicroelectronics STP80NF10FP Datasheet HTML 6Page - STMicroelectronics STP80NF10FP Datasheet HTML 7Page - STMicroelectronics STP80NF10FP Datasheet HTML 8Page - STMicroelectronics STP80NF10FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
September 2002
STP80NF10
STP80NF10FP
N-CHANNEL 100V - 0.012
Ω - 80A TO-220/TO-220FP
LOW GATE CHARGE STripFET™II POWER MOSFET
(1) ISD ≤80A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25°C, ID = 80A, VDD = 50V
s
TYPICAL RDS(on) = 0.012Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET series realized with STMicro-
electronics unique STripFET process has specifical-
ly been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters for Telecom and Computer application. It
is also intended for any application with low gate
charge drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
(*) Limited by Package
TYPE
VDSS
RDS(on)
ID
STP80NF10
STP80NF10FP
100 V
100 V
< 0.015
Ω
< 0.015
Ω
80 A
38 A
Symbol
Parameter
Value
Unit
STP80NF10
STP80NF10FP
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
±20
V
ID(*)
Drain Current (continuous) at TC = 25°C
80
38
A
ID
Drain Current (continuous) at TC = 100°C
66
27
A
IDM (l)
Drain Current (pulsed)
320
152
A
PTOT
Total Dissipation at TC = 25°C
300
45
W
Derating Factor
2
0.3
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
9
V/ns
EAS (2)
Single Pulse Avalanche Energy
360
mJ
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tstg
Storage Temperature
– 55 to 175
°C
Tj
Max. Operating Junction Temperature
TO-220
1
2
3
1
2
3
TO-220FP
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP80NF10FP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP80NF10FP VBSEMI-STP80NF10FP Datasheet
968Kb / 7P
N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STP80NF10FP STMICROELECTRONICS-STP80NF10FP Datasheet
226Kb / 12P
N-channel 100V - 0.012Ω - 38A - TO-220FP Low gate charge STripFET™ II Power MOSFET
11-Apr-2006
logo
Inchange Semiconductor ...
STP80NF10FP ISC-STP80NF10FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP80NF10FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB14NF10 STMICROELECTRONICS-STB14NF10 Datasheet
464Kb / 11P
N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
June 2002
STB30NF10 STMICROELECTRONICS-STB30NF10 Datasheet
455Kb / 11P
N-CHANNEL 100V - 0.038 ohm - 35A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
May-2002
STP14NF12 STMICROELECTRONICS-STP14NF12 Datasheet
345Kb / 9P
N-CHANNEL 120V - 0.16ohm - 14A TO-220/TO-220FP LOW GATE CHARGE STripFET™ POWER MOSFET
August 2002
STP40NF10L STMICROELECTRONICS-STP40NF10L Datasheet
272Kb / 8P
N-CHANNEL 100V - 0.028ohm - 40A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jun-2002
STP80NF55-06 STMICROELECTRONICS-STP80NF55-06 Datasheet
48Kb / 6P
N - CHANNEL 55V - 0.005ohm - 80A TO-220/TO-220FP STripFET POWER MOSFET
Jul-1999
STW80NF10 STMICROELECTRONICS-STW80NF10 Datasheet
251Kb / 8P
N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2001
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
25-Jan-2007
STB14NF10 STMICROELECTRONICS-STB14NF10_07 Datasheet
516Kb / 16P
N-channel 100V - 0.115廓 - 15A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
19-Jun-2006
STB30NF10 STMICROELECTRONICS-STB30NF10_06 Datasheet
510Kb / 16P
N-channel 100V - 0.038Ω - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STP80NF10FP STMICROELECTRONICS-STP80NF10FP Datasheet
226Kb / 12P
N-channel 100V - 0.012Ω - 38A - TO-220FP Low gate charge STripFET™ II Power MOSFET
11-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com