Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB80NF55-08 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STB80NF55-08
Description  N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF55-08 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STB80NF55-08 Datasheet HTML 3Page - STMicroelectronics STB80NF55-08 Datasheet HTML 4Page - STMicroelectronics STB80NF55-08 Datasheet HTML 5Page - STMicroelectronics STB80NF55-08 Datasheet HTML 6Page - STMicroelectronics STB80NF55-08 Datasheet HTML 7Page - STMicroelectronics STB80NF55-08 Datasheet HTML 8Page - STMicroelectronics STB80NF55-08 Datasheet HTML 9Page - STMicroelectronics STB80NF55-08 Datasheet HTML 10Page - STMicroelectronics STB80NF55-08 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
STB80NF55-08/-1 STP80NF55-08
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is registered trademark of STMicroelectronics
® 2002 STMicroelectronics - All Rights Reserved
All other names are the property of their respective owners.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com