Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8342 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8342
Description  Three-Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8342 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8342 Datasheet HTML 1Page - Active-Semi, Inc ACT8342 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT8342
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
Product Brief, 29-Feb-08
PRODUCT OPTIONS
FUNCTIONAL BLOCK DIAGRAM
Block
Function
Output Voltage
Capability
REG1
Step-Down DC/DC
Adjustable, 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, or 3.3V
350mA
REG2
LDO
80mA
REG3
LDO
150mA
1.4V to 3.7V
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: Contact factory for additional available products or custom requirements.
VP1
GP1
SW1
OUT1
FB1
GA
To Battery
ACT8342
REG2
LDO
To Battery or OUT1
ON1
ON3
REG3
LDO
INL
OUT2
OUT3
nRSTO
nMSTR
PUSH
BUTTON
nIRQ
INL
OUT2
OUT2
ON2
System
Control
REFBP
Reference
Active-Semi



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com