Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP80NF75L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP80NF75L
Description  N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NF75L Datasheet(HTML) 1 Page - STMicroelectronics

  STP80NF75L Datasheet HTML 1Page - STMicroelectronics STP80NF75L Datasheet HTML 2Page - STMicroelectronics STP80NF75L Datasheet HTML 3Page - STMicroelectronics STP80NF75L Datasheet HTML 4Page - STMicroelectronics STP80NF75L Datasheet HTML 5Page - STMicroelectronics STP80NF75L Datasheet HTML 6Page - STMicroelectronics STP80NF75L Datasheet HTML 7Page - STMicroelectronics STP80NF75L Datasheet HTML 8Page - STMicroelectronics STP80NF75L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
November 2001
.
STP80NF75L
STB80NF75L STB80NF75L-1
N-CHANNEL 75V - 0.008
Ω - 80A TO-220/D2PAK/I2PAK
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.008 Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SWITCHING SPEED
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
s
SOLENOID AND RELAY DRIVERS
TYPE
VDSS
RDS(on)
ID
STP80NF75L
STB80NF75L
STB80NF75L-1
75 V
75 V
75 V
<0.01
<0.01
<0.01
80 A
80 A
80 A
1
2
3
TO-220
1
3
D2PAK
TO-263
I2PAK
TO-262
1
2
3
ABSOLUTE MAXIMUM RATINGS
(
)Current Limited by Package
(
••) Pulse width limited by safe operating area.
(1) ISD ≤80A, di/dt ≤960A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 40A, VDD= 40V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
75
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
75
V
VGS
Gate- source Voltage
± 16
V
ID(•)
Drain Current (continuos) at TC = 25°C
80
A
ID
Drain Current (continuos) at TC = 100°C
80
A
IDM(••)
Drain Current (pulsed)
320
A
Ptot
Total Dissipation at TC = 25°C
300
W
Derating Factor
2
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
12
V/ns
EAS (2)
Single Pulse Avalanche Energy
930
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP80NF75L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP80NF75L ISC-STP80NF75L Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP80NF75L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP75NF75L STMICROELECTRONICS-STP75NF75L Datasheet
382Kb / 11P
N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Apr-2002
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Mar-2002
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
Oct-1999
STB140NF55 STMICROELECTRONICS-STB140NF55_07 Datasheet
483Kb / 15P
N-channel 55V - 0.0065Ω - 80A - D2PAK - I2PAK - TO-220 STripFET™II Power MOSFET
02-Mar-2007
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
Feb-2003
STB141NF55 STMICROELECTRONICS-STB141NF55 Datasheet
358Kb / 15P
N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
01-Aug-2007
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06_06 Datasheet
449Kb / 17P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
24-Oct-2006
STB60NF10 STMICROELECTRONICS-STB60NF10_06 Datasheet
370Kb / 15P
N-channel 100V - 0.019Ω - 80A - TO-220 - D2PAK - I2PAK STripFET™II Power MOSFET
18-Sep-2006
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com