Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6357 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT6357
Description  High-Efficiency, 40V Step-Up WLED Bias Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6357 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT6357_08 Datasheet HTML 1Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 2Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 3Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 4Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 5Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 6Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 7Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 8Page - Active-Semi, Inc ACT6357_08 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACT6357/ACT6358
Rev0, 03-Feb-08
Innovative Products. Active Solutions.
- 2 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
PART NUMBER
CURRENT
LIMIT
TEMPERATURE
RANGE
PACKAGE
PACKAGING
ACT6357NH-T
0.5A
-40°C to 85°C
TDFN33-8
TAPE & REEL
ACT6358NH-T
1A
-40°C to 85°C
TDFN33-8
TAPE & REEL
PINS
8
8
PIN
NAME
DESCRIPTION
1
2
IN
Supply Input
3
EN
Enable Control. Drive to a logic high to enable the device. Connect to a logic low to disable the
device. EN should not be left floating; connect EN to IN when unused.
4
BC
Brightness Control. Multifunction pin accepts either a PWM or analog control signal. When using a
PWM control signal, the best results are achieved when the PWM frequency is in the 100Hz to
10kHz range and when the PWM high voltage is 1.8V or higher. When using an analog control sig-
nal, the best results are achieved when the control voltage is in the 0V to 1.8V range.
5
FB
Feedback Input. Connect this pin to the cathode of the bottom LED, and a current feedback resistor
between this pin and G to set the LED bias current.
6
SS
Soft Start Control Input. Connect a capacitor from this pin to G to program the soft start duration. SS
is internally discharged when IC the is disabled.
7
OV
Over Voltage Protection Input. The IC is automatically disabled when the voltage at this pin exceeds
1.21V. Connect OV to the center point of a resistive voltage divider connected across the LED string.
Ground
G
8
SW
Switch Output. Connect this pin to the inductor and the Schottky diode.
EP
EP
Exposed Pad. Connect to ground.
PIN CONFIGURATION
PIN DESCRIPTIONS
ORDERING INFORMATION
ACT6357
ACT6358
1
2
3
4
8
7
6
5
G
IN
BC
EN
SW
SS
FB
OV
TDFN33-8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com