Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6358 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT6358
Description  High-Efficiency, 40V Step-Up WLED Bias Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6358 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT6358 Datasheet HTML 1Page - Active-Semi, Inc ACT6358 Datasheet HTML 2Page - Active-Semi, Inc ACT6358 Datasheet HTML 3Page - Active-Semi, Inc ACT6358 Datasheet HTML 4Page - Active-Semi, Inc ACT6358 Datasheet HTML 5Page - Active-Semi, Inc ACT6358 Datasheet HTML 6Page - Active-Semi, Inc ACT6358 Datasheet HTML 7Page - Active-Semi, Inc ACT6358 Datasheet HTML 8Page - Active-Semi, Inc ACT6358 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Innovative Products. Active Solutions.
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
SIMPLIFIED APPLICATION CIRCUIT
ACT6357/ACT6358
High-Efficiency, 40V Step-Up WLED Bias Supplies
ACT6357
ACT6358
IN
EN
SW
OV
FB
G
BC
SS
OUT
Brightness Control
Enable
VIN
2.6V to 5.5V
Up to
10 WLEDs
L1
D1
ROV2
ROV1
RFB
COUT
CSS
CIN
FEATURES
• High-Efficiency DC/DC WLED Bias Supply
• Internal 40V, 0.55Ω Power MOSFET
• Up to 10 WLEDs per String
• Two Peak Current Options:
− ACT6357: 0.5A
− ACT6358: 1A
• Supports Analog and PWM LED Dimming
• Integrated Over-Voltage Protection (OVP)
• Programmable Soft-Start Function
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Tiny TDFN33-8 Package
APPLICATIONS
• TFT LCD Displays
• Smart Phones
• Portable Media Players
• GPS/Personal Navigation Devices
GENERAL DESCRIPTION
The ACT6357 and ACT6358 step-up DC/DC con-
verters drive white LEDs with an externally pro-
grammable constant current. These devices feature
integrated, 40V power MOSFETs that are capable
of driving up to ten white LEDs in series, providing
inherent current matching for uniform brightness.
WLED brightness adjustment is easily achieved via
a dual-function pin, which accepts either a PWM or
an analog dimming control signal.
The ACT6357 and ACT6358 feature a variety of
protection circuits, including integrated over voltage
protection (OVP), programmable soft-start, cycle-
by-cycle current limiting, and thermal shutdown pro-
tection circuitry.
The ACT6357 has 500mA current limit, while the
ACT6358 has 1A current limit. Both parts are avail-
able in a small 3mm x 3mm 8-pin TDFN33-8.
Rev0, 03-Feb-08
Advanced Product Information―All Information Subject to Change


Similar Part No. - ACT6358

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6358 ACTIVE-SEMI-ACT6358 Datasheet
1Mb / 10P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrB, 30-Aug-07
ACT6358 ACTIVE-SEMI-ACT6358 Datasheet
410Kb / 10P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
ACT6358 ACTIVE-SEMI-ACT6358 Datasheet
410Kb / 11P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
ACT6358NH-T ACTIVE-SEMI-ACT6358NH-T Datasheet
1Mb / 10P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrB, 30-Aug-07
ACT6358NH-T ACTIVE-SEMI-ACT6358NH-T Datasheet
410Kb / 10P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
More results

Similar Description - ACT6358

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6357 ACTIVE-SEMI-ACT6357 Datasheet
1Mb / 10P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrB, 30-Aug-07
ACT6359 ACTIVE-SEMI-ACT6359 Datasheet
417Kb / 8P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrA, 20-Nov-07
ACT6360 ACTIVE-SEMI-ACT6360 Datasheet
254Kb / 9P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrA, 25-Dec-07
ACT6359 ACTIVE-SEMI-ACT6359_08 Datasheet
236Kb / 8P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 13-May-08
ACT6360 ACTIVE-SEMI-ACT6360_08 Datasheet
262Kb / 9P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 23-May-08
ACT6359 ACTIVE-SEMI-ACT6359_11 Datasheet
209Kb / 8P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 14-Feb-11
ACT6360 ACTIVE-SEMI-ACT6360_11 Datasheet
233Kb / 9P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 14-Feb-11
ACT6357 ACTIVE-SEMI-ACT6357_12 Datasheet
410Kb / 10P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
ACT6357 ACTIVE-SEMI-ACT6357_14 Datasheet
410Kb / 11P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
ACT6359 ACTIVE-SEMI-ACT6359_14 Datasheet
230Kb / 9P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 2, 22-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com