Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP85NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP85NF3LL
Description  N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP85NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STP85NF3LL Datasheet HTML 1Page - STMicroelectronics STP85NF3LL Datasheet HTML 2Page - STMicroelectronics STP85NF3LL Datasheet HTML 3Page - STMicroelectronics STP85NF3LL Datasheet HTML 4Page - STMicroelectronics STP85NF3LL Datasheet HTML 5Page - STMicroelectronics STP85NF3LL Datasheet HTML 6Page - STMicroelectronics STP85NF3LL Datasheet HTML 7Page - STMicroelectronics STP85NF3LL Datasheet HTML 8Page - STMicroelectronics STP85NF3LL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
PRELIMINARY DATA
March 2001
STP85NF3LL
STB85NF3LL-1
N-CHANNEL 30V - 0.006
Ω - 85A TO-220/I2PAK
LOW GATE CHARGE STripFET™ POWER MOSFET
s
TYPICAL RDS(on) = 0.0075 Ω (@4.5V)
s
OPTIMAL RDS(ON) x Qg TRADE-OFF @4.5V
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
DESCRIPTION
This application specific Power MOSFET is the
third genaration of STMicroelectronics unique “
Single Feature Size” strip-based process. The re-
sulting transistor shows the best trade-off between
on-resistance and gate charge. When used as
high and low side in buck regulators, it gives the
best performance in terms of both conduction and
switching losses. This is extremely important for
motherboards where fast switching and high effi-
ciency are of paramount importance.
APPLICATIONS
s
SPECIFICALLY DESIGNED AND OPTIMISED
FOR HIGH EFFICIENCY CPU CORE DC/DC
CONVERTERS
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP85NF3LL
STB85NF3LL-1
30 V
30 V
< 0.008
Ω
< 0.008
Ω
85 A
85 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 15
V
ID
Drain Current (continuos) at TC = 25°C
85
A
ID
Drain Current (continuos) at TC = 100°C
60
A
IDM (q)
Drain Current (pulsed)
340
A
PTOT
Total Dissipation at TC = 25°C
110
W
Derating Factor
0.73
W/°C
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
TO-220
1
2
3
1
2
3
I2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP85NF3LL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP85NF3LL ISC-STP85NF3LL Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP85NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
428Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A D2PAK LOW GATE CHARGE STripFET™ I POWER MOSFET
Nov-2001
STP36NF03L STMICROELECTRONICS-STP36NF03L Datasheet
46Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 36A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jan-2000
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
255Kb / 9P
N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
Mar-2001
STP90NF03L STMICROELECTRONICS-STP90NF03L Datasheet
274Kb / 9P
N-CHANNEL 30V - 0.0056ohm - 90A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Jun-2003
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
July 2006 Rev 10
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
28-Jul-2006
STK800_0609 STMICROELECTRONICS-STK800_0609 Datasheet
267Kb / 12P
N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
14-Nov-2006
STP90NF03L STMICROELECTRONICS-STP90NF03L_05 Datasheet
248Kb / 13P
N-channel 30V - 0.0056Ω -90A TO-220/I2PAK Low gate charge STripFET??Power MOSFET
17-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com