Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP90NF03L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP90NF03L
Description  N-CHANNEL 30V - 0.0056ohm - 90A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP90NF03L Datasheet(HTML) 2 Page - STMicroelectronics

  STP90NF03L Datasheet HTML 1Page - STMicroelectronics STP90NF03L Datasheet HTML 2Page - STMicroelectronics STP90NF03L Datasheet HTML 3Page - STMicroelectronics STP90NF03L Datasheet HTML 4Page - STMicroelectronics STP90NF03L Datasheet HTML 5Page - STMicroelectronics STP90NF03L Datasheet HTML 6Page - STMicroelectronics STP90NF03L Datasheet HTML 7Page - STMicroelectronics STP90NF03L Datasheet HTML 8Page - STMicroelectronics STP90NF03L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STP90NF03L/STB90NF03L-1
2/9
ABSOLUTE MAXIMUM RATINGS
( ) Pulse width limited by safe operating area
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
ON /OFF
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain-gate Voltage (RGS =20 kΩ)
30
V
VGS
Gate- source Voltage
±20
V
ID
Drain Current (continuous) at TC =25°C
90
A
ID
Drain Current (continuous) at TC =100°C
65
A
IDM ( )
Drain Current (pulsed)
360
A
PTOT
Total Dissipation at TC = 25°C
150
W
Derating Factor
0.73
W/°C
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
Rthj-case
Thermal Resistance Junction-case Max
1
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ±20V
±100
nA
ID(on)
On State Drain Current
VDS >ID(on) xRDS(on)max,
VGS = 10V
90
A
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250 µA
1
2.5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID =45 A
0.0056
0.0065
Ω
VGS =5V, ID =45 A
0.007
0.012
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com