Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9NB50FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # P9NB50FP
Description  N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P9NB50FP Datasheet(HTML) 1 Page - STMicroelectronics

  P9NB50FP Datasheet HTML 1Page - STMicroelectronics P9NB50FP Datasheet HTML 2Page - STMicroelectronics P9NB50FP Datasheet HTML 3Page - STMicroelectronics P9NB50FP Datasheet HTML 4Page - STMicroelectronics P9NB50FP Datasheet HTML 5Page - STMicroelectronics P9NB50FP Datasheet HTML 6Page - STMicroelectronics P9NB50FP Datasheet HTML 7Page - STMicroelectronics P9NB50FP Datasheet HTML 8Page - STMicroelectronics P9NB50FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2000
STP9NB50
STP9NB50FP
N-CHANNEL 500V - 0.75
Ω - 8.6 A TO-220/TO-220FP
PowerMesh
™ MOSFET
s
TYPICAL RDS(on) = 0.75 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performances. The new patent pending strip layout
coupled with the Company’s proprieraty edge termi-
nation structure, gives the lowest RDS(on) per area,
exceptional avalanche and dv/dt capabilities and
unrivalled gate charge and switching characteris-
tics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
ABSOLUTE MAXIMUM RATINGS
(
•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP9NB50
500 V
< 0.85
Ω
8.6 A
STP9NB50FP
500 V
< 0.85
Ω
4.9 A
Symbol
Parameter
Value
Unit
STP9NB50
STP9NB50FP
VDS
Drain-source Voltage (VGS =0)
500
V
VDGR
Drain-gate Voltage (RGS =20 kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC =25°C
8.6
4.9
A
ID
Drain Current (continuos) at TC = 100°C
5.4
3.1
A
IDM (q)
Drain Current (pulsed)
34.4
34.4
A
PTOT
Total Dissipation at TC =25°C
125
40
W
Derating Factor
1
0.32
W/
°C
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
4.5
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2000
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD<9A, di/dt<200A/µ,VDD<V(BR)DSS,TJ<TJMAX
INTERNAL SCHEMATIC DIAGRAM
1
2
3
1
2
3
TO-220
TO-220FP


Similar Part No. - P9NB50FP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P9NB50 VBSEMI-P9NB50 Datasheet
1Mb / 9P
N-Channel 500V (D-S) Power MOSFET
More results

Similar Description - P9NB50FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
Aug-1998
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
Nov-1999
STP3NB100 STMICROELECTRONICS-STP3NB100 Datasheet
44Kb / 6P
N - CHANNEL 1000V - 5.3 ohm - 3 A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1998
STP3NB90 STMICROELECTRONICS-STP3NB90 Datasheet
85Kb / 6P
N - CHANNEL 900V - 4 ohm - 3.5 A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1998
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1998
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh™II MOSFET
Dec-2000
IRF840 STMICROELECTRONICS-IRF840_02 Datasheet
218Kb / 8P
N-CHANNEL 500V - 0.75廓 - 8A TO-220 PowerMesh?줚I MOSFET
May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com