Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP9NC65 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP9NC65
Description  N-CHANNEL 650V - 0.75omp - 8A TO-220/TO-220FP PowerMesh™II MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NC65 Datasheet(HTML) 1 Page - STMicroelectronics

  STP9NC65 Datasheet HTML 1Page - STMicroelectronics STP9NC65 Datasheet HTML 2Page - STMicroelectronics STP9NC65 Datasheet HTML 3Page - STMicroelectronics STP9NC65 Datasheet HTML 4Page - STMicroelectronics STP9NC65 Datasheet HTML 5Page - STMicroelectronics STP9NC65 Datasheet HTML 6Page - STMicroelectronics STP9NC65 Datasheet HTML 7Page - STMicroelectronics STP9NC65 Datasheet HTML 8Page - STMicroelectronics STP9NC65 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
February 2001
STP9NC65
STP9NC65FP
N-CHANNEL 650V - 0.75
Ω - 8A TO-220/TO-220FP
PowerMesh™II MOSFET
s
TYPICAL RDS(on) = 0.75 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVES
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
(*) Limited only by maximum temperature allowed
TYPE
VDSS
RDS(on)
ID
STP9NC65
650 V
< 0.90
Ω
8 A
STP9NC65FP
650 V
< 0.90
Ω
8 A
Symbol
Parameter
Value
Unit
STP9NC65
STP9NC65FP
VDS
Drain-source Voltage (VGS = 0)
650
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
650
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
8
8(*)
A
ID
Drain Current (continuos) at TC = 100°C
5
5(*)
A
IDM (q)
Drain Current (pulsed)
32
32(*)
A
PTOT
Total Dissipation at TC = 25°C
140
40
W
Derating Factor
1.12
0.32
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
3.5
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2000
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤8A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
INTERNAL SCHEMATIC DIAGRAM
TO-220
TO-220FP
1
2
3
(Available Upon Request)


Similar Part No. - STP9NC65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP9NC65 ISC-STP9NC65 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
STP9NC65FP ISC-STP9NC65FP Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP9NC65

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF840 STMICROELECTRONICS-IRF840 Datasheet
93Kb / 8P
N - CHANNEL 500V - 0.75ohm - 8A - TO-220 PowerMESH] MOSFET
Aug-1998
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP5NB100 STMICROELECTRONICS-STP5NB100 Datasheet
106Kb / 9P
N - CHANNEL 1000V - 2.4ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Feb-2000
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh™II MOSFET
Dec-2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com