Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GB-R224 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # GB-R224
Description  Round Type Integrated Resistor LED LED Lamps (3mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

GB-R224 Datasheet(HTML) 1 Page - Lucky Light Electronic

  GB-R224 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GB-R224 SERIES
Round Type
Integrated Resistor LED
LED Lamps (3mm)
DESCRIPTION:
The R224 series of 5 volt and 12 volt lamps contain an integral current limiting
resistor in series with the LED. This allows the lamp to be driven from a 5v/12v
source without an external current limiter.
GaP for (R224HD-5V/12V, R224GD-5V/12V)
GaAsP/GaP for (R224YD-5V/12V, R224SD-5V/12V)
GaAlAs for (R224RHD-5V/12V, R224HR3D-5V/12V)
1.0
3.8
5.3
25.4 Min.
1.0 Max.
2.54
1.0
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
oC AMBIENT)
GB-R224HD-5V
GB-R224GD-5V
GB-R224YD-5V
GB-R224SD-5V
GB-R224RHD-5V
GB-R224HR3D-5V
GB-R224HD-12V
GB-R224GD-12V
GB-R224YD-12V
GB-R224SD-12V
GB-R224RHD-12V
GB-R224HR3D-12V
Part No.
Red
Green
Yellow
Orange
Bright Red
Super Red
Red
Green
Yellow
Orange
Bright Red
Super Red
Red
Green
Yellow
Orange
Bright Red
Super Red
Red
Green
Yellow
Orange
Bright Red
Super Red
Emitted
Color
Red Diffused
Green Diffused
Yellow Diffused
Orange Diffused
Red Diffused
Red Diffused
Red Diffused
Green Diffused
Yellow Diffused
Orange Diffused
Red Diffused
Red Diffused
Lens
Color
697
565
585
610
660
660
697
565
585
610
660
660
Iv (mcd)
View
Angle
2
θ1/2(Deg)
PACKAGE DIMENSIONS
Forward
Current
(mA)
TESTING CONDITION FOR EACH PARAMETER :
PARAMETER:
REVERSE VOLTAGE
REVERSE CURRENT
LUMINOUS INTENSITY
VIEWING ANGLE
RECOMMENDED OPERATING CURRENT
SYMBOL
Vr
Ir
Iv
2
θ1/2
If (Rec)
UNIT
VOLT
µA
MCD
DEGREE
mA
TEST CONDITION
Vr = 5.0 Volt
If = 20mA
If = 20mA
Peak
Wavelength
λp (nm)
D
SPATIAL DISTRIBUTION
0
o
10
o
20
o
30
o
40
o
0.7
0.8
0.9
1.0
50
o
60
o
70
o
80
o
90
o
0.5
0.3
0.1
0.2
0.4
0.6
10
10
10
10
10
10
10
10
10
10
10
10
Min
5.0
40.0
30.0
15.0
7.0
15.0
5.0
40.0
30.0
15.0
7.0
15.0
Min
Operating
Voltage
(V)
5
5
5
5
5
5
12
12
12
12
12
12
Min
8
8
8
8
8
8
20
20
20
20
20
20
Max
20
20
20
20
20
20
20
20
20
20
20
20
Max
7.0
60.0
45.0
20.0
9.0
20.0
7.0
60.0
45.0
20.0
9.0
20.0
Typ
35
35
35
35
35
35
35
35
35
35
35
35
Typ
ABSOLUTE MAXIMUM RATINGS: (Ta=25
oC)
5 Volt
100
µA
-40
oC To 85oC
-40
oC To 100oC
260
oC For 5 Seconds
Reverse Voltage
Reverse Current (Vr =5V)
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
(1.6mm (1/16)From Body)
RL
NOTES : 1. All dimensions are in millimeters.
2. Lead spacing is measured where the leads emerge from the package.
3. Protuded resin under flange is 1.5 mm (0.059") Max.
4. Specifications are subject to change without notice.
Unit: mm
Tol: +/- 0.2mm
φ3.0
0.5


Similar Part No. - GB-R224

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-R333 LUCKY-LIGHT-GB-R333 Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (5mm)
GB-R333GD-12V LUCKY-LIGHT-GB-R333GD-12V Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (5mm)
GB-R333GD-5V LUCKY-LIGHT-GB-R333GD-5V Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (5mm)
GB-R333HD-12V LUCKY-LIGHT-GB-R333HD-12V Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (5mm)
GB-R333HD-5V LUCKY-LIGHT-GB-R333HD-5V Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (5mm)
More results

Similar Description - GB-R224

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-234 LUCKY-LIGHT-GB-234 Datasheet
41Kb / 1P
Round Type, Flangeless LED Lamps (3mm)
GB-B226 LUCKY-LIGHT-GB-B226 Datasheet
42Kb / 1P
Blinking, Round Type LED Lamps (3mm)
GB-R333 LUCKY-LIGHT-GB-R333 Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (5mm)
logo
A-BRIGHT Inc
AL-314HT A-BRIGHT-AL-314HT_10 Datasheet
276Kb / 5P
3mm Round LED Lamps
2010/5/5
AL-314LRC-A A-BRIGHT-AL-314LRC-A_09 Datasheet
237Kb / 5P
3mm Round LED Lamps
2009/2/25
AL-314SG1C A-BRIGHT-AL-314SG1C_09 Datasheet
237Kb / 5P
3mm Round LED Lamps
2009/2/25
AL-314SGC A-BRIGHT-AL-314SGC_09 Datasheet
237Kb / 5P
3mm Round LED Lamps
2009/2/25
logo
BetLux Electronics
BL-L304 BETLUX-BL-L304 Datasheet
229Kb / 4P
3mm Round Type LED Lamps
REV NO: V.2
BL-L312 BETLUX-BL-L312 Datasheet
231Kb / 4P
3mm Round Type LED Lamps
REV NO: V.2
BL-L314 BETLUX-BL-L314 Datasheet
232Kb / 4P
3mm Round Type LED Lamps
REV NO: V.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com