Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GB-R333 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # GB-R333
Description  Round Type Integrated Resistor LED LED Lamps (5mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

GB-R333 Datasheet(HTML) 1 Page - Lucky Light Electronic

  GB-R333 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GB-R333 SERIES
Round Type
Integrated Resistor LED
LED Lamps (5mm)
DESCRIPTION:
The R333 series of 5 volt and 12 volt lamps contain an integral current limiting
resistor in series with the LED. This allows the lamp to be driven from a 5v/12v
source without an external current limiter.
GaP for (R333HD-5V/12V, R333GD-5V/12V)
GaAsP/GaP for (R333YD-5V/12V, R333SD-5V/12V)
GaAlAs for (R333RHD-5V/12V, R333HR3D-5V/12V)
D
SPATIAL DISTRIBUTION
5.9
1.0 Max.
1.0
2.54
25.4 Min.
8.6
1.0
PACKAGE DIMENSIONS
TESTING CONDITION FOR EACH PARAMETER :
PARAMETER:
REVERSE VOLTAGE
REVERSE CURRENT
LUMINOUS INTENSITY
VIEWING ANGLE
RECOMMENDED OPERATING CURRENT
SYMBOL
Vr
Ir
Iv
2
θ1/2
If (Rec)
UNIT
VOLT
µA
MCD
DEGREE
mA
TEST CONDITION
Vr = 5.0 Volt
If = 20mA
If = 20mA
0
o
10
o
20
o
30
o
40
o
0.7
0.8
0.9
1.0
50
o
60
o
70
o
80
o
90
o
0.5
0.3
0.1
0.2
0.4
0.6
RL
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
oC AMBIENT)
GB-R333HD-5V
GB-R333GD-5V
GB-R333YD-5V
GB-R333SD-5V
GB-R333RHD-5V
GB-R333HR3D-5V
GB-R333HD-12V
GB-R333GD-12V
GB-R333YD-12V
GB-R333SD-12V
GB-R333RHD-12V
GB-R333HR3D-12V
Part No.
Red
Green
Yellow
Orange
Bright Red
Super Red
Red
Green
Yellow
Orange
Bright Red
Super Red
Red
Green
Yellow
Orange
Bright Red
Super Red
Red
Green
Yellow
Orange
Bright Red
Super Red
Emitted
Color
Red Diffused
Green Diffused
Yellow Diffused
Orange Diffused
Red Diffused
Red Diffused
Red Diffused
Green Diffused
Yellow Diffused
Orange Diffused
Red Diffused
Red Diffused
Lens
Color
697
565
585
610
660
660
697
565
585
610
660
660
Iv (mcd)
View
Angle
2
θ1/2(Deg)
Forward
Current
(mA)
Peak
Wavelength
λp (nm)
10
10
10
10
10
10
10
10
10
10
10
10
Min
1.1
5.6
5.6
5.6
5.6
8.7
1.1
5.6
5.6
5.6
5.6
8.7
Min
Operating
Voltage
(V)
5
5
5
5
5
5
12
12
12
12
12
12
Min
8
8
8
8
8
8
20
20
20
20
20
20
Max
20
20
20
20
20
20
20
20
20
20
20
20
Max
3.7
19.0
19.0
19.0
19.0
29.0
3.7
19.0
19.0
19.0
19.0
29.0
Typ
36
36
36
36
36
36
36
36
36
36
36
36
Typ
ABSOLUTE MAXIMUM RATINGS: (Ta=25
oC)
5 Volt
100
µA
-40
oC To 85oC
-40
oC To 100oC
260
oC For 5 Seconds
Reverse Voltage
Reverse Current (Vr =5V)
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
(1.6mm (1/16)From Body)
NOTES : 1. All dimensions are in millimeters.
2. Lead spacing is measured where the leads emerge from the package.
3. Protuded resin under flange is 1.5 mm (0.059") Max.
4. Specifications are subject to change without notice.
Unit: mm
Tol: +/- 0.2mm
φ5.0
0.5


Similar Part No. - GB-R333

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-R224 LUCKY-LIGHT-GB-R224 Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (3mm)
GB-R224GD-12V LUCKY-LIGHT-GB-R224GD-12V Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (3mm)
GB-R224GD-5V LUCKY-LIGHT-GB-R224GD-5V Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (3mm)
GB-R224HD-12V LUCKY-LIGHT-GB-R224HD-12V Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (3mm)
GB-R224HD-5V LUCKY-LIGHT-GB-R224HD-5V Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (3mm)
More results

Similar Description - GB-R333

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL333RD EVERLIGHT-EL333RD Datasheet
167Kb / 1P
ROUND TYPE LED LAMPS(5MM)
logo
A-BRIGHT Inc
AL-513OR6C-A A-BRIGHT-AL-513OR6C-A_08 Datasheet
311Kb / 5P
5mm Round LED Lamps
2008/3/19
logo
Lucky Light Electronic
GB-333HD LUCKY-LIGHT-GB-333HD Datasheet
42Kb / 1P
Round Type LED Lamps (5mm)
GB-343 LUCKY-LIGHT-GB-343 Datasheet
42Kb / 1P
Round-Helmet Type LED Lamps (5mm)
GB-353 LUCKY-LIGHT-GB-353 Datasheet
42Kb / 1P
Round-Helmet Type LED Lamps (5mm)
GB-B336 LUCKY-LIGHT-GB-B336 Datasheet
42Kb / 1P
Blinking, Round Type LED Lamps (5mm)
GB-R224 LUCKY-LIGHT-GB-R224 Datasheet
42Kb / 1P
Round Type Integrated Resistor LED LED Lamps (3mm)
logo
A-BRIGHT Inc
AL-513SGC-A A-BRIGHT-AL-513SGC-A_09 Datasheet
238Kb / 5P
5mm Round LED Lamps
2009/2/25
AL-513TRC A-BRIGHT-AL-513TRC_09 Datasheet
238Kb / 5P
5mm Round LED Lamps
2009/2/25
AL-513UY5C A-BRIGHT-AL-513UY5C_09 Datasheet
238Kb / 5P
5mm Round Type : LED Lamps
2009/2/25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com