Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPAC01F1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPAC01F1
Description  RF DETECTOR FOR POWER AMPLIFIER CONTROL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPAC01F1 Datasheet(HTML) 1 Page - STMicroelectronics

  STPAC01F1 Datasheet HTML 1Page - STMicroelectronics STPAC01F1 Datasheet HTML 2Page - STMicroelectronics STPAC01F1 Datasheet HTML 3Page - STMicroelectronics STPAC01F1 Datasheet HTML 4Page - STMicroelectronics STPAC01F1 Datasheet HTML 5Page - STMicroelectronics STPAC01F1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
STPAC01F1
®
January 2003 - Ed: 1
Flip-Chip package
Gnd1
RFin
Gnd1
Gnd1
Gnd2
Bias
DC
out
V
Temp
32
1
A
B
C
PIN CONFIGURATION (ball side)
s
The use of IPAD technology allows the RF
front-end designer to save PCB area and to
drastically suppress parasitic inductances.
BENEFITS
RF DETECTOR FOR
POWER AMPLIFIER CONTROL
IPADTM
The STPAC01F1 has two outputs, one for the
signal
detection
and
another
one
for
the
temperature compensation:
s
V
DCout = 0.88 V at 0.85 GHz at 10 dBm
s
V
DCout = 1.07 V at 1.85 GHz at 10 dBm
s
Vsupply=5V max.
MAIN PRODUCT CHARACTERISTICS
The STPAC01 is an integrated RF detector for the
power control stage. It converts RF signal coming
from the coupler into a DC signal usable by the
digital stage. It is based on the use of two similar
diodes, one providing the signal detection while
the second one is used to provide a temperature
information to thermal compensation stage. A
biasing stage suppresses the detection diode drop
voltage effect.
Target applications are cellular phones and PDA
using GSM, DCS, PCS, AMPS, TDMA , CDMA
and 800MHz to 1900MHz frequency ranges
DESCRIPTION
TM : IPAD is a trademark of STMicroelectronics.
Coupler
GND2
GND1
VDCOut
STPAC01F1
RF input
VBIAS
Vtemp
Thermal
compensation
Low pass
filter
RF detector
FUNCTIONAL DIAGRAM


Similar Part No. - STPAC01F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPAC01F2 STMICROELECTRONICS-STPAC01F2 Datasheet
66Kb / 7P
RF DETECTOR FOR POWER AMPLIFIER CONTROL
21-Oct-2004
STPAC01F2 STMICROELECTRONICS-STPAC01F2 Datasheet
96Kb / 7P
IPAD TM, RF detector for power amplifier control
29-Apr-2008
STPAC01F2 STMICROELECTRONICS-STPAC01F2_08 Datasheet
96Kb / 7P
IPAD TM, RF detector for power amplifier control
29-Apr-2008
More results

Similar Description - STPAC01F1

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1714S NTE-NTE1714S Datasheet
19Kb / 2P
Integrated Circuit Remote Control Amplifier/Detector
logo
Rohm
BH4126FV ROHM-BH4126FV Datasheet
102Kb / 10P
Wide band IF detector for RF remote control units
logo
STMicroelectronics
STPAC02F1 STMICROELECTRONICS-STPAC02F1 Datasheet
50Kb / 5P
RF DETECTOR FOR POWER AMPLIFIER CONTROL WITH INTERNAL TEMPERATURE COMPENSATION IPADTM
Oct-2003
STPAC01F2 STMICROELECTRONICS-STPAC01F2 Datasheet
66Kb / 7P
RF DETECTOR FOR POWER AMPLIFIER CONTROL
21-Oct-2004
logo
Motorola, Inc
MC3373 MOTOROLA-MC3373 Datasheet
74Kb / 1P
Remote Control Amplifier/Detector
logo
Maxim Integrated Produc...
MAX2204 MAXIM-MAX2204 Datasheet
150Kb / 7P
RF Power Detector
Rev 0; 4/07
logo
STMicroelectronics
STPAC01F2 STMICROELECTRONICS-STPAC01F2_08 Datasheet
96Kb / 7P
IPAD TM, RF detector for power amplifier control
29-Apr-2008
logo
Maxim Integrated Produc...
MAX2209 MAXIM-MAX2209 Datasheet
1Mb / 5P
RF Power Detector
Rev 0; 10/09
MAX2209A MAXIM-MAX2209A Datasheet
1Mb / 7P
RF Power Detector with Shutdown Control
Rev 0; 9/10
logo
AVAGO TECHNOLOGIES LIMI...
ADET-5000 AVAGO-ADET-5000 Datasheet
257Kb / 6P
RF Power Detector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com