Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9NK60ZFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # P9NK60ZFP
Description  N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P9NK60ZFP Datasheet(HTML) 1 Page - STMicroelectronics

  P9NK60ZFP Datasheet HTML 1Page - STMicroelectronics P9NK60ZFP Datasheet HTML 2Page - STMicroelectronics P9NK60ZFP Datasheet HTML 3Page - STMicroelectronics P9NK60ZFP Datasheet HTML 4Page - STMicroelectronics P9NK60ZFP Datasheet HTML 5Page - STMicroelectronics P9NK60ZFP Datasheet HTML 6Page - STMicroelectronics P9NK60ZFP Datasheet HTML 7Page - STMicroelectronics P9NK60ZFP Datasheet HTML 8Page - STMicroelectronics P9NK60ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
June 2002
STP9NK60Z - STP9NK60ZFP
STB9NK60Z - STB9NK60Z-1
N-CHANNEL 600V - 0.85
Ω - 7A TO-220/FP/D2PAK/I2PAK
Zener-Protected SuperMESH™Power MOSFET
s TYPICAL RDS(on) = 0.85 Ω
s EXTREMELY HIGH dv/dt CAPABILITY
s IMPROVED ESD CAPABILITY
s 100% AVALANCHE RATED
s GATE CHARGE MINIMIZED
s VERY LOW INTRINSIC CAPACITANCES
s VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s HIGH CURRENT, HIGH SPEED SWITCHING
s IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP9NK60Z
STP9NK60ZFP
STB9NK60Z
STB9NK60Z-1
600 V
600 V
600 V
600 V
< 0.95
Ω
< 0.95
Ω
< 0.95
Ω
< 0.95
Ω
7 A
7 A
7 A
7 A
125 W
30 W
125 W
125 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP9NK60Z
P9NK60Z
TO-220
TUBE
STP9NK60ZFP
P9NK60ZFP
TO-220FP
TUBE
STB9NK60Z
B9NK60Z
D2PAK
TUBE
STB9NK60ZT4
B9NK60Z
D2PAK
TAPE & REEL
STB9NK60Z-1
B9NK60Z-1
I2PAK
TUBE
TO-220
TO-220FP
1
2
3
1
2
3
1
3
I2PAK
D2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - P9NK60ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P9NK60ZFD STMICROELECTRONICS-P9NK60ZFD Datasheet
251Kb / 9P
N-CHANNEL 600V-0.85 Ohm-7A TO-220/TO-220FP/D2PAK Fast Diode SuperMESH MOSFET
logo
VBsemi Electronics Co.,...
P9NK60ZFD VBSEMI-P9NK60ZFD Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
P9NK60ZFDFP STMICROELECTRONICS-P9NK60ZFDFP Datasheet
251Kb / 9P
N-CHANNEL 600V-0.85 Ohm-7A TO-220/TO-220FP/D2PAK Fast Diode SuperMESH MOSFET
More results

Similar Description - P9NK60ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
March 2003
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
06-Sep-2005
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
STP3NK60Z STMICROELECTRONICS-STP3NK60Z Datasheet
755Kb / 15P
N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Jul-2003
STP4NK60Z STMICROELECTRONICS-STP4NK60Z Datasheet
759Kb / 16P
N-CHANNEL600V-1.76ohm-4ATO-220/FP/DPAK/IPAK/D2PAK/I2PAK Zener-Protected SuperMESH™ Power MOSFET
Mar-2003
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
April 2003
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
588Kb / 13P
N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
STP9NK70Z STMICROELECTRONICS-STP9NK70Z Datasheet
664Kb / 14P
N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
April 2002
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com