Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCC4HEBC Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPCC4HEBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCC4HEBC Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPCC4HEBC Datasheet HTML 9Page - STMicroelectronics STPCC4HEBC Datasheet HTML 10Page - STMicroelectronics STPCC4HEBC Datasheet HTML 11Page - STMicroelectronics STPCC4HEBC Datasheet HTML 12Page - STMicroelectronics STPCC4HEBC Datasheet HTML 13Page - STMicroelectronics STPCC4HEBC Datasheet HTML 14Page - STMicroelectronics STPCC4HEBC Datasheet HTML 15Page - STMicroelectronics STPCC4HEBC Datasheet HTML 16Page - STMicroelectronics STPCC4HEBC Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
PIN DESCRIPTION
Release 1.5 - January 29, 2002
13/93
ISA INTERFACE
ISA_CLK
O
BT8TRP_TC
ISA Clock Output
Multiplexer Select Line For IPC
1
ISA_CLK2X
O
BT8TRP_TC
ISA Clock x2 Output
Multiplexer Select Line For IPC
1
OSC14M
O
BD8STRP_FT
ISA bus synchronisation clock
1
LA[23:17]
O
BD8STRUP_FT
Unlatched Address
7
SA[19:0]
I/O
BD8STRUP_FT
Latched Address
20
SD[15:0]
I/O
BD8STRP_FT
Data Bus
16
ALE
O
BD4STRP_FT
Address Latch Enable
1
MEMR#, MEMW#
I/O
BD8STRUP_FT
Memory Read and Write
2
SMEMR#, SMEMW#
O
BD8STRP_FT
System MemoryRead and Write
2
IOR#, IOW#
I/O
BD8STRUP_FT
I/O Read and Write
2
MCS16#, IOCS16#
I
BD4STRUP_FT
Memory and I/O ChipSelect16
2
BHE#
O
BD8STRUP_FT
System Bus High Enable
1
ZWS#
I
BD4STRP_FT
Zero Wait State
1
REF#
O
BD8STRP_FT
Refresh Cycle.
1
MASTER#
I
BD4STRUP_FT
Add On Card Owns Bus
1
AEN
O
BD8STRUP_FT
Address Enable
1
IOCHCK#
I
BD4STRUP_FT
I/O Channel Check.
1
IOCHRDY
I/O
BD8STRUP_FT
I/O Channel Read
1
ISAOE#
O
BD4STRP_FT
ISA/IDE Selection
1
GPIOCS#
I/O
BD4STRP_FT
General Purpose Chip Select
1
IRQ_MUX[3:0]
I
BD4STRP_FT
Time-Multiplexed Interrupt Request
4
DREQ_MUX[1:0]
I
BD4STRP_FT
Time-Multiplexed DMA Request
2
DACK_ENC[2:0]
O
BD4STRP_FT
Encoded DMA Acknowledge
3
TC
O
BD4STRP_FT
ISA Terminal Count
1
RTCAS
O
BD4STRP_FT
Real Time Clock Address Strobe
1
RMRTCCS#
I/O
BD4STRP_FT
ROM/RTC Chip Select
1
KBCS#
I/O
BD4STRP_FT
Keyboard Chip Select
1
RTCRW#
I/O
BD4STRP_FT
RTC Read/Write
1
RTCDS#
I/O
BD4STRP_FT
RTC Data Strobe
1
LOCAL BUS INTERFACE
PA[23:0]
O
BD4STRP_FT
Address Bus
24
PD[15:0]
I/O
BD8STRP_FT
Data Bus
16
PRD1#,PRD0#
O
BD4STRUP_FT
Peripheral Read Control
2
PWR1#,PWR0#
O
BD4STRUP_FT
Peripheral Write Control
2
PRDY
I
BD8STRUP_FT
Data Ready
1
FCS1#, FCS0#
O
BD4STRP_FT
Flash Chip Select
2
IOCS#[3:0]
O
BD8STRUP_FT
I/O Chip Select
4
IDE CONTROLLER
DA[2:0]
O
BD8STRUP_FT
Address Bus
3
DD[15:0]
I/O
BD8STRUP_FT
Data Bus
16
Table 2-2. Definition of Signal Pins
Signal Name
Dir
Buffer Type2
Description
Qty
Note1: These pins are must be connected to the 2.5 V power supply. They must not be connected to the 3.3 V supply.
Note2: See Table 2-3 for buffer type descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com