Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCC5HEBC Datasheet(PDF) 91 Page - STMicroelectronics

Part # STPCC5HEBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCC5HEBC Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STPCC5HEBC Datasheet HTML 85Page - STMicroelectronics STPCC5HEBC Datasheet HTML 86Page - STMicroelectronics STPCC5HEBC Datasheet HTML 87Page - STMicroelectronics STPCC5HEBC Datasheet HTML 88Page - STMicroelectronics STPCC5HEBC Datasheet HTML 89Page - STMicroelectronics STPCC5HEBC Datasheet HTML 90Page - STMicroelectronics STPCC5HEBC Datasheet HTML 91Page - STMicroelectronics STPCC5HEBC Datasheet HTML 92Page - STMicroelectronics STPCC5HEBC Datasheet HTML 93Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 91 / 93 page
background image
ORDERING DATA
Release 1.5 - January 29, 2002
91/93
7. ORDERING DATA
7.1. ORDERING CODES
ST
PC
C4
E
E
B
C
STMicroelectronics
Prefix
Product Family
PC: PC Compatible
Product ID
C4: Consumer-II
Core Speed
E: 100 MHz
H: 133 MHz
Memory Interface Speed
D: 90 MHz
E: 100 MHz
Package
B: 388 Overmoulded BGA
Temperature Range
C: Commercial
Case Temperature (Tcase) = 0°C to +85°C
I: Industrial
Case Temperature (Tcase) = -40°C to +115°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com