Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9NK70Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # P9NK70Z
Description  N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P9NK70Z Datasheet(HTML) 1 Page - STMicroelectronics

  P9NK70Z Datasheet HTML 1Page - STMicroelectronics P9NK70Z Datasheet HTML 2Page - STMicroelectronics P9NK70Z Datasheet HTML 3Page - STMicroelectronics P9NK70Z Datasheet HTML 4Page - STMicroelectronics P9NK70Z Datasheet HTML 5Page - STMicroelectronics P9NK70Z Datasheet HTML 6Page - STMicroelectronics P9NK70Z Datasheet HTML 7Page - STMicroelectronics P9NK70Z Datasheet HTML 8Page - STMicroelectronics P9NK70Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
April 2002
STP9NK70Z - STP9NK70ZFP
STB9NK70Z - STB9NK70Z-1 - STW9NK70Z
N-CHANNEL 700V - 1
Ω - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 1.0 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
IMPROVED ESD CAPABILITY
s
100% AVALANCHE RATED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP9NK70Z
STP9NK70ZFP
STB9NK70Z
STB9NK70Z-1
STW9NK70Z
700 V
700 V
700 V
700 V
700 V
< 1.2
Ω
< 1.2
Ω
< 1.2
Ω
< 1.2
Ω
< 1.2
Ω
7.5 A
7.5 A
7.5 A
7.5 A
7.5 A
115 W
35 W
115 W
115 W
156 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP9NK70Z
P9NK70Z
TO-220
TUBE
STP9NK70ZFP
P9NK70ZFP
TO-220FP
TUBE
STB9NK70Z
B9NK70Z
D2PAK
TUBE
(ONLY UNDER REQUEST)
STB9NK70ZT4
B9NK70Z
D2PAK
TAPE & REEL
STB9NK70Z-1
B9NK70Z-1
I2PAK
TUBE
STW9NK60Z
W9NK70Z
TO-247
TUBE
TO-220
TO-220FP
1
2
3
1
2
3
TO-247
1
2
3
1
3
I2PAK
D2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - P9NK70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P9NK50Z STMICROELECTRONICS-P9NK50Z Datasheet
580Kb / 13P
N-CHANNEL 500V - 0.72W - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH??Power MOSFET
Jun-2004
P9NK50ZFP STMICROELECTRONICS-P9NK50ZFP Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
logo
VBsemi Electronics Co.,...
P9NK60Z VBSEMI-P9NK60Z Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
P9NK60ZD VBSEMI-P9NK60ZD Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
P9NK60ZFD STMICROELECTRONICS-P9NK60ZFD Datasheet
251Kb / 9P
N-CHANNEL 600V-0.85 Ohm-7A TO-220/TO-220FP/D2PAK Fast Diode SuperMESH MOSFET
More results

Similar Description - P9NK70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
March 2003
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
06-Sep-2005
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
April 2003
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
June 2002
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
26-Jul-2006
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
logo
New Jersey Semi-Conduct...
STW12NK80Z NJSEMI-STW12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB12NK80Z NJSEMI-STB12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com