Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12GDYI Datasheet(PDF) 101 Page - STMicroelectronics

Part # STPC12GDYI
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12GDYI Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STPC12GDYI Datasheet HTML 97Page - STMicroelectronics STPC12GDYI Datasheet HTML 98Page - STMicroelectronics STPC12GDYI Datasheet HTML 99Page - STMicroelectronics STPC12GDYI Datasheet HTML 100Page - STMicroelectronics STPC12GDYI Datasheet HTML 101Page - STMicroelectronics STPC12GDYI Datasheet HTML 102Page - STMicroelectronics STPC12GDYI Datasheet HTML 103Page - STMicroelectronics STPC12GDYI Datasheet HTML 104Page - STMicroelectronics STPC12GDYI Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 111 page
background image
DESIGN GUIDELINES
Issue 1.0 - July 24, 2002
101/111
When considering thermal dissipation, one of the
most
important
parts
of
the
layout
is
the
connection between the ground balls and the
ground layer.
A 1-wire connection is shown in Figure 6-32. The
use of a 8-mil wire results in a thermal resistance
of 105°C/W assuming copper is used (418 W/
m.°K). This high value is due to the thickness (34
µm) of the copper on the external side of the PCB.
Considering only the central matrix of 36 thermal
balls and one via for each ball, the global thermal
resistance
is
2.9°C/W.
This
can
be
easily
improved using four 12.5 mil wires to connect to
the four vias around the ground pad link as in
Figure 6-33. This gives a total of 49 vias and a
global resistance for the 36 thermal balls of 0.5°C/
W.
The use of a ground plane like in Figure 6-34 is
even better.
Figure 6-32. Recommended 1-wire Power/Ground Pad Layout
Solder Mask (4 mil)
Pad for ground ball (diameter = 25 mil)
Hole to ground layer (diameter = 12 mil)
Connection Wire (width = 12.5 mil)
Via (diameter = 24 mil)
1 mil = 0.0254 mm
Figure 6-33. Recommended 4-wire Ground Pad Layout
4 via pads for each ground ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com