Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12GDYI Datasheet(PDF) 103 Page - STMicroelectronics

Part # STPC12GDYI
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12GDYI Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STPC12GDYI Datasheet HTML 99Page - STMicroelectronics STPC12GDYI Datasheet HTML 100Page - STMicroelectronics STPC12GDYI Datasheet HTML 101Page - STMicroelectronics STPC12GDYI Datasheet HTML 102Page - STMicroelectronics STPC12GDYI Datasheet HTML 103Page - STMicroelectronics STPC12GDYI Datasheet HTML 104Page - STMicroelectronics STPC12GDYI Datasheet HTML 105Page - STMicroelectronics STPC12GDYI Datasheet HTML 106Page - STMicroelectronics STPC12GDYI Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 111 page
background image
DESIGN GUIDELINES
Issue 1.0 - July 24, 2002
103/111
As the PCB acts as a heat sink, the layout of top
and ground layers must be done with care to
maximize the board surface dissipating the heat.
The only limitation is the risk of losing routing
channels. Figure 6-36 and Figure 6-37 show a
routing with a good thermal dissipation thanks to
an optimized placement of power and signal vias.
The ground plane should be on bottom layer for
the best heat spreading (thicker layer than internal
ones) and dissipation (direct contact with air). .
Figure 6-36. Layout for Good Thermal Dissipation - top layer
1
A
3.3V ball
2.5V ball (Core / PLLs)
Via
STPC ball
GND ball
Not Connected ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com