Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4EEBC Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPC4EEBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EEBC Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPC4EEBC Datasheet HTML 10Page - STMicroelectronics STPC4EEBC Datasheet HTML 11Page - STMicroelectronics STPC4EEBC Datasheet HTML 12Page - STMicroelectronics STPC4EEBC Datasheet HTML 13Page - STMicroelectronics STPC4EEBC Datasheet HTML 14Page - STMicroelectronics STPC4EEBC Datasheet HTML 15Page - STMicroelectronics STPC4EEBC Datasheet HTML 16Page - STMicroelectronics STPC4EEBC Datasheet HTML 17Page - STMicroelectronics STPC4EEBC Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
PIN DESCRIPTION
14/93
Release 1.5 - January 29, 2002
PCS3#,PCS1#,SCS3#,SCS1#
O
BD8STRUP_FT
Primary & Secondary Chip Selects
4
DIORDY
O
BD8STRUP_FT
Data I/O Ready
1
PIRQ, SIRQ
I
BD4STRP_FT
Primary & Secondary Interrupt Request
2
PDRQ, SDRQ
I
BD4STRP_FT
Primary & Secondary DMA Request
2
PDACK#, SDACK#
O
BD8STRP_FT
Primary & Secondary DMA Acknowledge
2
PDIOR#, SDIOR#
O
BD8STRUP_FT
Primary & Secondary I/O Channel Read
2
PDIOW#, SDIOW#
O
BD8STRUP_FT
Primary & Secondary I/O Channel Write
2
VGA CONTROLLER
RED, GREEN, BLUE
O
VDDCO
Analog Red, Green, Blue
3
VSYNC
O
BD4STRP_FT
Vertical Sync
1
HSYNC
O
BD4STRP_FT
Horizontal Sync
1
VREF_DAC1
I
ANA
DAC Voltage reference
1
RSET
I
ANA
Resistor Set
1
COMP
I
ANA
Compensation
1
COL_SEL
O
BD4STRP_FT
Colour Select
1
VIDEO INPUT PORT
VCLK
I
BD8STRP_FT
27-33 MHz Video Input Port Clock
1
VIN[7:0]
I
BD4STRP_FT
CCIR 601 or 656 YUV Video Data Input
8
ANALOG TV OUTPUT PORT
RED_TV, GREEN_TV, BLUE_TV
O
VDDCO
Analog RGB or S-VHS outputs
3
CVBS
O
VDDCO
Analog video composite output
1
IREF1_TV
I
ANA
Reference current of CVBS DAC
1
VREF1_TV
I
ANA
Reference voltage of CVBS DAC
1
IREF2_TV
I
ANA
Reference current of RGB DAC
1
VREF2_TV
I
ANA
Reference voltage of RGB DAC
1
VSSA_TV
I
Analog Vss for DAC
1
VDDA_TV
I
VDDCO
Analog Vdd for DAC
1
VCS
I/O
BD4STRP_FT
Composite Synchro
Horizontal Line Synchro
1
ODD_EVEN
I/O
BD4STRP_FT
Frame Synchronisation
1
MISCELLANEOUS
SPKRD
O
BD4STRP_FT
Speaker Device Output
1
SCL
I/O
BD4STRUP_FT
I²C Interface - Clock
Can be used for VGA DDC[1] signal
1
SDA
I/O
BD4STRUP_FT
I²C Interface - Data
Can be used for VGA DDC[0] signal
1
SCAN_ENABLE
I
TLCHTD_TC
Reserved (Test pin)
1
TCLK
I
TLCHT_FT
Test Clock
1
TDI
I
TLCHT_FT
Test Data Input
1
TMS
I
TLCHT_FT
Test Mode Set
1
TDO
O
BT8TRP_TC
Test Data output
1
Table 2-2. Definition of Signal Pins
Signal Name
Dir
Buffer Type2
Description
Qty
Note1: These pins are must be connected to the 2.5 V power supply. They must not be connected to the 3.3 V supply.
Note2: See Table 2-3 for buffer type descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com