Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPC12
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPC12 Datasheet HTML 12Page - STMicroelectronics STPC12 Datasheet HTML 13Page - STMicroelectronics STPC12 Datasheet HTML 14Page - STMicroelectronics STPC12 Datasheet HTML 15Page - STMicroelectronics STPC12 Datasheet HTML 16Page - STMicroelectronics STPC12 Datasheet HTML 17Page - STMicroelectronics STPC12 Datasheet HTML 18Page - STMicroelectronics STPC12 Datasheet HTML 19Page - STMicroelectronics STPC12 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 111 page
background image
PIN DESCRIPTION
16/111
Issue 1.0 - July 24, 2002
LOCAL BUS INTERFACE
PA[24:20,15,9:8,3:0]
O BD4STRP_FT
Address Bus [24:20], [15], [9:8], [3:0]
12
PA[19,11]
O BD8STRP_FT
Address Bus [19], [11]
2
PA[18:16,14:12,7:4]
O BD8STRUP_FT
Address Bus [18:16], [14:12], [7:4]
10
PA[10]
O BD4STRUP_FT
Address Bus [10]
1
PD[15:0]
I/O BD8STRP_FT
Data Bus [15:0]
16
PRD#
O BD4STRUP_FT
Memory and I/O Read signal
1
PWR#
O BD4STRUP_FT
Memory and I/O Write signal
1
PRDY
I
BD8STRUP_FT
Data Ready
1
IOCS#[7:4]
O BD4STRUP_FT
I/O Chip Select
4
IOCS#[3]
O BD4STRP_FT
I/O Chip Select
1
IOCS#[2:0]
O BD8STRUP_FT
I/O Chip Select
3
PBE#[1]
O BD8STRP_FT
Upper Byte Enable (PD[15:8])
1
PBE#[0]
O BD4STRUP_FT
Lower Byte Enable (PD[7:0])
1
FCS0#
O BD4STRP_FT
Flash Bank 0 Chip Select
1
FCS1#
O BT8TRP_TC
Flash Bank 1 Chip Select
1
FCS_0H#
O BD8STRP_FT
Upper half Bank 0 Flash Chip Select
1
FCS_0L#
O BD8STRP_FT
Lower half Bank 0 Flash Chip Select
1
FCS_1H#
O BD8STRP_FT
Upper half Bank 1 Flash Chip Select
1
FCS_1L#
O BD8STRP_FT
Lower half Bank 1 Flash Chip Select
1
IRQ_MUX[3:0]1
I/O BD4STRP_FT
Muxed Interrupt Lines
4
IDE CONTROLLER
DD[15:12]
I/O BD4STRP_FT
Data Bus
4
DD[11:0]
I/O BD8STRUP_FT
Data Bus
12
DA[2:0]
O BD8STRUP_FT
Address Bus
3
PCS1, PCS3
O BD8STRUP_FT
Primary Chip Selects
2
SCS1, SCS3
O BD8STRUP_FT
Secondary Chip Selects
2
DIORDY
O BD8STRUP_FT
Data I/O Ready
1
PIRQ/SIRQ
I
BD4STRP_FT
Primary / Secondary Interrupt Request
2
PDRQ/SDRQ
I
BD4STRP_FT
Primary / Secondary DMA Request
2
PDACK#/SDACK#
O BD8STRP_FT
Primary / Secondary DMA Acknowledge
2
PDIOR#/SDIOR#
O BD8STRUP_FT
Primary / Secondary IO Read
2
PDIOW#/SDIOW#
O BD8STRP_FT
Primary / Secondary IO Write
2
VGA CONTROLLER
RED, GREEN, BLUE
O VDDCO
Red, Green, Blue
3
VSYNC, HSYNC
I/O BD4STRP_FT
Vertical & Horizontal Synchronisations
2
VREF_DAC
I
ANA
DAC Voltage reference
1
RSET
I
ANA
Resistor Set
1
COMP
I
ANA
Compensation
1
COL_SEL
O BD4STRP_FT
Colour Select
1
I2C INTERFACE
SCL / DDC[1]
I/O BD4STRUP_FT
I²C Interface - Clock / VGA DDC[1]
1
SDA / DDC[0]
I/O BD4STRUP_FT
I²C Interface - Data / VGA DDC[0]
1
TFT INTERFACE
TFTR[5:2]
O BD4STRP_TC
Red
4
TFTR[1:0]
O BD4STRP_FT
Red
2
TFTG[5:2]
O BD4STRP_TC
Green
4
,TFTG[1:0]
O BD4STRP_FT
Green
2
Table 2-2. Definition of Signal Pins
Signal Name
Dir
Buffer Type1
Description
Qty
Note1; See Table 2-3 for buffer type descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com