Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR1220D Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPR1220D
Description  ULTRA FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1220D Datasheet(HTML) 5 Page - STMicroelectronics

  STPR1220D Datasheet HTML 1Page - STMicroelectronics STPR1220D Datasheet HTML 2Page - STMicroelectronics STPR1220D Datasheet HTML 3Page - STMicroelectronics STPR1220D Datasheet HTML 4Page - STMicroelectronics STPR1220D Datasheet HTML 5Page - STMicroelectronics STPR1220D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Cooling method : C
Marking : Type number
Weight : 2 g
Recommended torque value : 0.55m.N
Maximum torque value : 0.70m.N
Electrical Isolation : 2000V DC
Capacitance : 12pF
PACKAGE MECHANICAL DATA
TO220AC (JEDEC outline)
Cooling method : C
Marking : Type number
Weight : 1.9 g
Recommended torque value : 0.55m.N
Maximum torque value : 0.7m.N
PACKAGE MECHANICAL DATA
ISOWATT220AC (JEDEC outline)
A
G
D
E
B
C
I
P
O
N
J
H
K
L
M
F
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
10
10.4
0.393
0.409
B
15.2
15.9
0.598
0.626
C
13
14
0.511
0.551
D
6.2
6.6
0.244
0.260
E
16.4 typ.
0.645 typ.
F
3.5
4.2
0.137
0.165
G
2.65
2.95
0.104
0.116
H
4.4
4.6
0.173
0.181
I
3.75
3.85
0.147
0.151
J
1.23
1.32
0.048
0.051
K
1.27 typ.
0.050 typ.
L
0.49
0.70
0.019
0.027
M
2.4
2.72
0.094
0.107
N
4.95
5.15
0.194
0.203
O
1.14
1.70
0.044
0.067
P
0.61
0.88
0.024
0.034
A
B
C
I
D
O
P
N
M
L
E
J
H
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
10
10.4
0.393
0.409
B
15.9
16.4
0.626
0.645
C
28.6
30.6
1.126
1.204
D
16 typ
0.630 typ
E
9
9.3
0.354
0.366
H
4.4
4.6
0.173
0.181
I
3
3.2
0.118
0.126
J
2.5
2.7
0.098
0.106
L
0.4
0.7
0.015
0.027
M
2.4
2.75
0.094
0.108
N
4.95
5.2
0.195
0.204
O
1.15
1.7
0.045
0.067
P
0.75
1
0.030
0.039
STPR1210D/F / STPR1220D/F
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com