Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR1210F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPR1210F
Description  ULTRA FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1210F Datasheet(HTML) 1 Page - STMicroelectronics

  STPR1210F Datasheet HTML 1Page - STMicroelectronics STPR1210F Datasheet HTML 2Page - STMicroelectronics STPR1210F Datasheet HTML 3Page - STMicroelectronics STPR1210F Datasheet HTML 4Page - STMicroelectronics STPR1210F Datasheet HTML 5Page - STMicroelectronics STPR1210F Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STPR1210D/F
STPR1220D/F
June 1992 Ed: 1A
ULTRA FAST RECOVERY RECTIFIER DIODES
Low cost single chip rectifier suited for switchmode
power supply and high frequency DC to DC conver-
ters.
Packaged in TO220AC and ISOWATT220AC, this
device is intended for use in low voltage, high fre-
quency inverters, free wheeling and polarity protec-
tion applications.
ABSOLUTE RATINGS (limiting values)
THERMAL RESISTANCE
DESCRIPTION
Symbol
Parameter
Value
Unit
IF(RMS)
RMS Forward Current
30
A
IF(AV)
Average Forward Current
δ =0.5
TO220AC
Tc = 115
°C12
A
ISOWATT220AC
Tc = 80
°C
IFSM
Surge Non Repetitive Forward Current
Tp = 10 ms
Sinusoidal
120
A
Tstg
Tj
Storage and Junction Temperature Range
- 65 to + 150
- 65 to + 150
°C
Symbol
Parameter
STPR
Unit
1210D
1210F
1220D
1220F
VRRM
Repetitive Peak Reverse Voltage
100
200
V
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-case
TO220AC
2.5
°C/W
ISOWATT220AC
5.0
.
SUITED FOR SMPS
.
LOW LOSSES
.
LOW FORWARD AND REVERSE RECOVERY
TIME
.
HIGH SURGE CURRENT CAPABILITY
.
HIGH AVALANCHE ENERGY CAPABILITY
STPR1210D
STPR1220D
STPR1210F
STPR1220F
TO220AC
(Plastic)
ISOWATT220AC
(Plastic)
K
A
K
A
1/6


Similar Part No. - STPR1210F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPR120 STMICROELECTRONICS-STPR120 Datasheet
51Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODE
Apr-2000
STPR120A STMICROELECTRONICS-STPR120A Datasheet
51Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODE
Apr-2000
More results

Similar Description - STPR1210F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com