Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR2420 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPR2420
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR2420 Datasheet(HTML) 1 Page - STMicroelectronics

  STPR2420 Datasheet HTML 1Page - STMicroelectronics STPR2420 Datasheet HTML 2Page - STMicroelectronics STPR2420 Datasheet HTML 3Page - STMicroelectronics STPR2420 Datasheet HTML 4Page - STMicroelectronics STPR2420 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STPR2420CT
®
July 1999 - Ed: 2B
ULTRA-FAST RECOVERY RECTIFIER DIODES
IF(AV)
2 x 12 A
VRRM
200 V
Tj (max)
150
°C
VF (max)
0.99 V
trr (max)
30 ns
MAIN PRODUCTS CHARACTERISTICS
Low cost dual center tap rectifier suited for Switch
Mode Power Supply and high frequency DC to DC
converters.
Packaged in TO-220AB, this device is intended for
use in low voltage, high frequency inverters, free
wheeling and polarity protection applications.
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
δ = 0.5
Tc = 115
°C
Per diode
12
A
Per device
24
IFSM
Surge non repetitive forward current
Tp = 10 ms
Sinusoidal
120
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
+ 150
SUITED FOR SMPS
LOW LOSSES
LOW FORWARD AND REVERSE RECOVERY
TIME
HIGH SURGE CURRENT CAPABILITY
HIGH AVALANCHE ENERGY CAPABILITY
FEATURES
A1
A2
K
A1
K
A2
TO-220AB
1/5


Similar Part No. - STPR2420

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
List of Unclassifed Man...
STPR2010CT ETC2-STPR2010CT Datasheet
95Kb / 2P
Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
STPR2010CT SIRECTIFIER-STPR2010CT Datasheet
95Kb / 2P
Ultra Fast Recovery Diodes
logo
List of Unclassifed Man...
STPR2020CT ETC2-STPR2020CT Datasheet
95Kb / 2P
Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
STPR2020CT SIRECTIFIER-STPR2020CT Datasheet
95Kb / 2P
Ultra Fast Recovery Diodes
More results

Similar Description - STPR2420

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com