Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS0530Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS0530Z
Description  SCHOTTKY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS0530Z Datasheet(HTML) 3 Page - STMicroelectronics

  STPS0530Z Datasheet HTML 1Page - STMicroelectronics STPS0530Z Datasheet HTML 2Page - STMicroelectronics STPS0530Z Datasheet HTML 3Page - STMicroelectronics STPS0530Z Datasheet HTML 4Page - STMicroelectronics STPS0530Z Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STPS0530Z
3/5
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.0
0.1
0.2
0.3
0.4
0.5
0.6
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 0.05 δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
P
(W)
F(AV)
Fig. 1: Conduction losses versus average current.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0
25
50
75
100
125
Tamb(°C)
R
th(j-a)=340°C/W
S=2.5mm²
I
(A)
F(AV)
Fig. 2: Average forward current versus ambient
temperature (
δ = 0.5)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.E-03
1.E-02
1.E-01
1.E+00
t(s)
T
amb=25°C
T
amb=75°C
T
amb=50°C
T
amb=50°C
IM
t
δ=0.5
I (A)
M
Fig. 3: Non repetitive surge peak forward current
versus overload duration (maximum values).
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
tp(s)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
Zth(j-a)/Rth(j-a)
Fig. 4: Relative variation of thermal impedance
junction to ambient versus pulse duration.
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
02468
10
12
14
16
18
20
22
24
26
28
30
V (V)
R
T
j=125°C
T
j=25°C
T
j=100°C
T
j=75°C
T
j=50°C
I (mA)
R
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values).
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
25
50
75
100
125
Tj(°C)
V
R=30V
I (mA)
R
Fig. 6: Reverse leakage current versus junction
temperature (typical values).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com