Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3244 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST3244
Description  8-Bit Bus Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3244 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST3244 Datasheet HTML 1Page - Fairchild Semiconductor FST3244 Datasheet HTML 2Page - Fairchild Semiconductor FST3244 Datasheet HTML 3Page - Fairchild Semiconductor FST3244 Datasheet HTML 4Page - Fairchild Semiconductor FST3244 Datasheet HTML 5Page - Fairchild Semiconductor FST3244 Datasheet HTML 6Page - Fairchild Semiconductor FST3244 Datasheet HTML 7Page - Fairchild Semiconductor FST3244 Datasheet HTML 8Page - Fairchild Semiconductor FST3244 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2008
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3244 • Rev. 1.0.3
FST3244 — 8-Bit Bus Switch
Features
4
Ω Switch Connection between Two Ports
Minimal Propagation Delay through the Switch
Low ICC
Zero Bounce in Flow-through Mode
Control Inputs Compatible with TTL Level
Description
The FST3244 switch provides eight-bits of high-speed,
CMOS, TTL-compatible bus switching in a standard
’244 pin-out. The low on resistance allows inputs to be
connected to outputs without adding propagation delay
or generating additional ground bounce noise.
The device is organized as two four-bit switches with
separate /OE inputs. When /OE is LOW, the switch is
ON and port A is connected to port B. When /OE is
HIGH, the switch is OPEN and a high-impedance state
exists between the two ports.
Ordering Information
Part Number
Operating
Temperature
Range
Package
Packing
Method
FST3244WMX
-40 to +85°C
20-Lead, Small Outline Integrated Circuit (SOIC), JEDEC MS-013,
0.300-inch Wide
Tape and
Reel
FST3244QSCX
-40 to +85°C
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137,
0.150-inch Wide
Tape and
Reel
FST3244MTCX
-40 to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
Tape and
Reel
All packages are lead free per JEDEC: J-STD-020B standard.
The Fairchild switch family derives from and embodies Fairchild’s proven switch technology used for several years in its
74LVX3L384 (FST3384) bus switch product.
Logic Diagram
18
12
1B0
1B3
1
2
8
11
17
9
3
2B3
2B0
19
/OE1
1A3
1A0
2A3
2A0
/OE2
Figure 1. Logic Diagram


Similar Part No. - FST3244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
Octal Bus Switch
FST3244MTC FAIRCHILD-FST3244MTC Datasheet
111Kb / 5P
Octal Bus Switch
FST3244MTCX-NL FAIRCHILD-FST3244MTCX-NL Datasheet
111Kb / 5P
Octal Bus Switch
FST3244QSC FAIRCHILD-FST3244QSC Datasheet
111Kb / 5P
Octal Bus Switch
FST3244WM FAIRCHILD-FST3244WM Datasheet
111Kb / 5P
Octal Bus Switch
More results

Similar Description - FST3244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3245 ONSEMI-74FST3245 Datasheet
85Kb / 8P
8-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3345 FAIRCHILD-FST3345 Datasheet
119Kb / 6P
8-Bit Bus Switch
logo
ON Semiconductor
74FST3345 ONSEMI-74FST3345 Datasheet
87Kb / 6P
8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3244 ONSEMI-74FST3244 Datasheet
89Kb / 8P
8-Bit Bus Switch
January, 2005 ??Rev. 1
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245_05 Datasheet
185Kb / 5P
8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_05 Datasheet
134Kb / 5P
8-Bit Bus Switch
FST3245 FAIRCHILD-FST3245_08 Datasheet
439Kb / 9P
8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_08 Datasheet
439Kb / 9P
8-Bit Bus Switch
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
8-BIT FET BUS SWITCH
logo
ON Semiconductor
FST3245 ONSEMI-FST3245 Datasheet
600Kb / 9P
8-Bit Bus Switch
December 2012 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com