Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3345 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FST3345
Description  8-Bit Bus Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3345 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FST3345 Datasheet HTML 1Page - Fairchild Semiconductor FST3345 Datasheet HTML 2Page - Fairchild Semiconductor FST3345 Datasheet HTML 3Page - Fairchild Semiconductor FST3345 Datasheet HTML 4Page - Fairchild Semiconductor FST3345 Datasheet HTML 5Page - Fairchild Semiconductor FST3345 Datasheet HTML 6Page - Fairchild Semiconductor FST3345 Datasheet HTML 7Page - Fairchild Semiconductor FST3345 Datasheet HTML 8Page - Fairchild Semiconductor FST3345 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3345 • Rev. 1.0.2
4
DC Electrical Characteristics
Typical values are at VCC = 5.0V and TA = 25°C.
TA=-40 to +85°C
Symbol
Parameter
Conditions
VCC (V)
Min.
Typ.
Max.
Units
VIK
Clamp Diode Voltage
IIN = -18mA
4.5
-1.2
V
VIH
High-Level Input Voltage
4.0 to 5.5
2.0
V
VIL
Low-Level Input Voltage
4.0 to 5.5
0.8
V
IIN
Input Leakage Current
0
≤ V
IN ≤ 5.5V
5.5
±1.0
µA
IOZ
Off-state Leakage
Current
0
≤ A, B ≤ V
CC
5.5
±1.0
µA
VIN = 0V, IIN = 64mA
4.5
4
7
VIN = 0V, IIN = 30mA
4.5
4
7
VIN = 2.4V, IIN = 15mA
4.5
8
15
RON
Switch On Resistance
(3)
VIN = 2.4V, IIN = 15mA
4.0
11
20
Ω
ICC
Quiescent Supply Current
VIN = VCC or GND,
IOUT = 0
5.5
3
µA
ΔI
CC
Increase in ICC per Input
One Input at 3.4V, Other
Inputs at VCC or GND
5.5
2.5
mA
Note:
3.
Measured by the voltage drop between the A and B pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the A or B pins.
AC Electrical Characteristics
TA = -40 to +85°C, CL = 50pF, and RU = RD = 500Ω.
VCC = 4.5 – 5.5V
VCC = 4.0V
Symbol
Parameter
Conditions
Min.
Max.
Min.
Max.
Units
Figure
tPHL, tPLH
Propagation Delay
Bus-to-Bus
(4)
VIN = Open
0.25
0.25
ns
Figure 3
Figure 4
tPZH ,tPZL
Output Enable Time
VIN = 7V for tPZL
VIN = Open for
tPZH
1.5
6.5
7.0
ns
Figure 3
Figure 4
tPHZ, tPLZ
Output Disable Time
VIN = 7V for tPLZ
VIN = Open for
tPHZ
1.0
8.0
8.2
ns
Figure 3
Figure 4
Note:
4.
This parameter is guaranteed by design, but is not tested. The bus switch contributes no propagation delay
other than the RC delay of the typical on resistance of the switch and the 50pF load capacitance when driven by
an ideal voltage source (zero output impedance).
Capacitance
TA = +25°C, f = 1MHz. Capacitance is characterized, but not tested.
Symbol
Parameter
Conditions
Typ.
Units
CIN
Control Pin Input Capacitance
VCC = 5.0V
4
pF
CI/O
Input/Output Capacitance
VCC, /OE = 5.0V, OE = 0V
5
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com