Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3345MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST3345MTC
Description  8-Bit Bus Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3345MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST3345MTC Datasheet HTML 1Page - Fairchild Semiconductor FST3345MTC Datasheet HTML 2Page - Fairchild Semiconductor FST3345MTC Datasheet HTML 3Page - Fairchild Semiconductor FST3345MTC Datasheet HTML 4Page - Fairchild Semiconductor FST3345MTC Datasheet HTML 5Page - Fairchild Semiconductor FST3345MTC Datasheet HTML 6Page - Fairchild Semiconductor FST3345MTC Datasheet HTML 7Page - Fairchild Semiconductor FST3345MTC Datasheet HTML 8Page - Fairchild Semiconductor FST3345MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2008
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3345 • Rev. 1.0.2
FST3345 — 8-Bit Bus Switch
Features
4
Ω Switch Connection between Two Ports
Minimal Propagation Delay through the Switch
Low ICC
Zero Bounce in Flow-through Mode
Control Inputs Compatible with TTL Level
Description
The FST3345 switch provides eight-bits of high-speed
CMOS TTL-compatible bus switching. The low on
resistance of the switch allows inputs to be connected
to
outputs
without
adding
propagation
delay
or
generating additional ground bounce noise.
The device is organized as an eight-bit switch with dual
output enable inputs (OE and /OE). When /OE is LOW
or OE is HIGH, the switch is ON and port A is
connected to port B. When /OE is HIGH, and OE is
LOW, the switch is OPEN and a high-impedance state
exists between the two ports.
Ordering Information
Part Number
Operating
Temperature
Range
Package
Packing
Method
FST3345WMX
-40 to +85°C
20-Lead, Small Outline Integrated Circuit (SOIC), JEDEC
MS-013, 0.300-inch Wide
Tape and Reel
FST3345QSC
-40 to +85°C
20-Lead Quarter Size Outline Package (QSOP), JEDEC
MO-137, 0.150-inch Wide
Tube
FST3345QSCX
-40 to +85°C
20-Lead Quarter Size Outline Package (QSOP), JEDEC
MO-137, 0.150-inch Wide
Tape and Reel
FST3345MTC
-40 to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP),
JEDEC MO-153, 4.4mm Wide
Tube
FST3345MTCX
-40 to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC
MO-153, 4.4mm Wide
Tape and Reel
All packages are lead free per JEDEC: J-STD-020B standard.
The Fairchild switch family derives from and embodies Fairchild’s proven switch technology used for several years in its
74LVX3L384 (FST3384) bus switch product.
Logic Diagram
18
11
B0
B7
2
9
A7
A0
1
/OE
OE
19
Figure 1. Logic Diagram


Similar Part No. - FST3345MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3345MTC FAIRCHILD-FST3345MTC Datasheet
119Kb / 6P
8-Bit Bus Switch
FST3345MTC FAIRCHILD-FST3345MTC Datasheet
134Kb / 5P
8-Bit Bus Switch
FST3345MTCX_NL FAIRCHILD-FST3345MTCX_NL Datasheet
134Kb / 5P
8-Bit Bus Switch
More results

Similar Description - FST3345MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3245 ONSEMI-74FST3245 Datasheet
85Kb / 8P
8-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3345 FAIRCHILD-FST3345 Datasheet
119Kb / 6P
8-Bit Bus Switch
logo
ON Semiconductor
74FST3345 ONSEMI-74FST3345 Datasheet
87Kb / 6P
8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3244 ONSEMI-74FST3244 Datasheet
89Kb / 8P
8-Bit Bus Switch
January, 2005 ??Rev. 1
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245_05 Datasheet
185Kb / 5P
8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_05 Datasheet
134Kb / 5P
8-Bit Bus Switch
FST3244 FAIRCHILD-FST3244_08 Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3245 FAIRCHILD-FST3245_08 Datasheet
439Kb / 9P
8-Bit Bus Switch
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
8-BIT FET BUS SWITCH
logo
ON Semiconductor
FST3245 ONSEMI-FST3245 Datasheet
600Kb / 9P
8-Bit Bus Switch
December 2012 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com