Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB46 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSUSB46
Description  Hi-Speed USB2.0 (480Mbps) DPST Switch with Dedicated Charger Port Detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB46 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSUSB46 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB46 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
July 2008
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB46 • Rev. 1.0.3
Click here for this datasheet
translated into Chinese!
FSUSB46 — Hi-Speed USB2.0 (480Mbps) DPST Switch
with Dedicated Charger Port Detection
Features
Low On Capacitance: 7.0pF Typical
Low On Resistance: 3.9Ω Typical
Low Power Consumption: 1μA Maximum
-
15μA Maximum ICCT over an Expanded Voltage
Range (VIN=1.8V, VCC=4.3V)
Wide -3db Bandwidth: > 720MHz
Packaged in Pb-free, 8-Lead MicroPak™ (1.6mm
wide), US8 (3.1mm wide), and UMLP (1.4x1.4mm)
8kV ESD Rating, >16kV Power/GND ESD Rating
Power-Off Protection on All Ports When VCC=0V
-
D+/D- Pins Tolerate up to 5.25V
Applications
Cell phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-Top Box
IMPORTANT NOTE
:
For additional performance information, please contact
analogswitch@fairchildsemi.com.
Description
The FSUSB46 is a bi-directional, low-power, Hi-Speed,
USB2.0 switch. Configured as a double-pole, single-
throw switch (DPST) switch, it is optimized for switching
a Hi-Speed (480Mbps) source.
The FSUSB46 is compatible with the requirements of
USB2.0 and features an extremely low on capacitance
(CON) of 3.9pF. The wide bandwidth of this device
(720MHz) exceeds the bandwidth needed to pass the
third harmonic, resulting in signals with minimum edge
and phase distortion. Superior channel-to-channel
crosstalk also minimizes interference.
The FSUSB46 contains special circuitry on the switch
I/O pins for applications where the VCC supply is
powered-off (VCC=0), which allows the device to
withstand an over-voltage condition. This device is
designed to minimize current consumption even when
the control voltage applied to the /OE pin is lower than
the supply voltage (VCC). This feature is especially
valuable to ultra-portable applications, such as cell
phones, allowing for direct interface with the general-
purpose I/Os of the baseband processor. An additional
feature is the detection of the 1-1 (high/high) state on
D+/D- to signal an interrupt (INT) to the processor when
entering a dedicated charging port mode of operation.
Ordering Information
Part Number
Operating
Temperature Range
Package
Eco Status
FSUSB46L8X
-40 to +85°C
8-Lead MicroPak™ 1.6mm Wide
RoHS
FSUSB46K8X
-40 to +85°C
8-Lead US8, JEDEC MO187, Variation CA 3.1mm
Green
FSUSB46UMX
-40 to +85°C
8-Lead Ultrathin Molded Leadless Package (UMLP),
1.2 x 1.4mm
Green
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
MicroPak™ is a trademark of Fairchild Semiconductor Corporation.
Figure 1. Analog Symbol


Similar Part No. - FSUSB46

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
247Kb / 2P
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB40 ONSEMI-FSUSB40 Datasheet
653Kb / 12P
Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
March 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FSUSB40L10X FAIRCHILD-FSUSB40L10X Datasheet
140Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40L10X FAIRCHILD-FSUSB40L10X Datasheet
247Kb / 2P
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
More results

Similar Description - FSUSB46

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB45 FAIRCHILD-FSUSB45 Datasheet
444Kb / 2P
Hi-Speed USB2.0 (480Mbps) Switch with Dedicated Charger Port Detect
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
July 29, 2010
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
July 2, 2010
logo
Fairchild Semiconductor
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
ON Semiconductor
FSUSB45 ONSEMI-FSUSB45 Datasheet
716Kb / 12P
High-Speed USB2.0 Switch with Dedicated Charger Port Detect
July 2013 Rev. 1.0.7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com