Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10L45CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS10L45CT
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L45CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS10L45CT Datasheet HTML 1Page - STMicroelectronics STPS10L45CT Datasheet HTML 2Page - STMicroelectronics STPS10L45CT Datasheet HTML 3Page - STMicroelectronics STPS10L45CT Datasheet HTML 4Page - STMicroelectronics STPS10L45CT Datasheet HTML 5Page - STMicroelectronics STPS10L45CT Datasheet HTML 6Page - STMicroelectronics STPS10L45CT Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
STPS10L45CT/CG/CF/CFP
July 2003 - Ed: 3B
LOW DROP POWER SCHOTTKY RECTIFIER
®
Dual center tap Schottky rectifiers suited for
Switched
Mode
Power
Supplies
and
high
frequency DC to DC converters.
Packaged
in
TO-220AB,
ISOWATT220AB,
TO-220FPAB and D
2PAK, these devices are
intended for use in low voltage, high frequency
inverters, free-wheeling and polarity protection
applications.
DESCRIPTION
s
LOW FORWARD VOLTAGE DROP MEANING
VERY SMALL CONDUCTION LOSSES
s
LOW SWITCHING LOSSES ALLOWING HIGH
FREQUENCY OPERATION
s
INSULATED
PACKAGE:
ISOWATT220AB,
TO-220FPAB
Insulating voltage = 2000V DC
Capacitance = 12pF
s
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
RMS forward current
20
A
IF(AV)
Average
forward current
TO-220AB
D
2PAK
Tc =135°C
δ = 0.5
Per diode
Per device
5
10
A
ISOWATT220AB
TO-220FPAB
Tc =115°C
δ = 0.5
Per diode
Per device
5
10
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
150
A
IRRM
Repetitive peak reverse current
tp=2µs square F=1kHz
1A
IRSM
Non repetitive peak reverse current
tp = 100 µs
square
2A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
2700
W
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values, per diode)
A1
K
A2
IF(AV)
2x5 A
VRRM
45 V
Tj (max)
150°C
VF (max)
0.46 V
MAIN PRODUCTS CHARACTERISTICS
D
2PAK
STPS10L45CG
A1
K
A2
A2
K
A1
K
A1
A2
TO-220AB
STPS10L45CT
ISOWATT220AB
STPS10L45CF
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink
A1
A2
K
TO-220FPAB
STPS10L45CFP


Similar Part No. - STPS10L45CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10L45CT STMICROELECTRONICS-STPS10L45CT Datasheet
153Kb / 10P
Low drop power Schottky rectifier
22-Mar-2007
logo
SUNMATE electronic Co.,...
STPS10L45CT SUNMATE-STPS10L45CT Datasheet
3Mb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - STPS10L45CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com