Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10L40CF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS10L40CF
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L40CF Datasheet(HTML) 2 Page - STMicroelectronics

  STPS10L40CF Datasheet HTML 1Page - STMicroelectronics STPS10L40CF Datasheet HTML 2Page - STMicroelectronics STPS10L40CF Datasheet HTML 3Page - STMicroelectronics STPS10L40CF Datasheet HTML 4Page - STMicroelectronics STPS10L40CF Datasheet HTML 5Page - STMicroelectronics STPS10L40CF Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
Tj = 25
°CVR =VRRM
0.2
mA
Tj = 100
°C
825
mA
VF *
Forward voltage drop
Tj = 25
°CIF =5 A
0.53
V
Tj = 125
°CIF =5 A
0.36
0.46
Tj = 25
°CIF =10 A
0.67
Tj = 125
°CIF =10 A
0.49
0.59
Pulse test : * tp = 380
µs, δ <2%
To evaluate the conduction losses use the following equation :
P = 0.33 x IF(AV) + 0.026 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AB
D
2PAK
Per diode
Total
3
1.7
°C/W
Rth (c)
Coupling
0.35
Rth (j-c)
Junction to case
ISOWATT220AB
Per diode
Total
5
3.8
°C/W
Rth (c)
Coupling
2.5
THERMAL RESISTANCES
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1)x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IF(av) (A)
PF(av)(W)
δ = 0.2
δ = 0.5
δ =1
δ = 0.05
δ = 0.1
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
0
25
50
75
100
125
150
0
1
2
3
4
5
6
IF(av)(A)
Rth(j-a)=15
°C/W
Rth(j-a)=Rth(j-c)
Tamb(
°C)
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ=0.5, per diode).
STPS10L40CT/CG/CF
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com