Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS130A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS130A
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS130A Datasheet(HTML) 3 Page - STMicroelectronics

  STPS130A Datasheet HTML 1Page - STMicroelectronics STPS130A Datasheet HTML 2Page - STMicroelectronics STPS130A Datasheet HTML 3Page - STMicroelectronics STPS130A Datasheet HTML 4Page - STMicroelectronics STPS130A Datasheet HTML 5Page - STMicroelectronics STPS130A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.0E-3
1.0E-2
1.0E-1
1.0E+0
0
1
2
3
4
5
6
7
8
t(s)
IM(A)
Ta=50
°C
Ta=75
°C
Ta=100
°C
IM
t
δ=0.5
Fig. 3-1: Non repetitive surge peak forward current
versus overload duration (maximum values) (SMB).
0
5
10
15
20
25
30
1E-1
1E+0
1E+1
1E+2
1E+3
5E+3
VR(V)
IR(
µA)
Tj=125
°C
Tj=70
°C
Tj=25
°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values).
1.0E-2
1.0E-1
1.0E+0
1.0E+1
1.0E+2
1.0E+3
0.0
0.2
0.4
0.6
0.8
1.0
Zth(j-a)/Rth(j-a)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
tp(s)
T
δ=tp/T
tp
Fig. 4-1: Relative variation of thermal impedan ce
junction to ambient versus pulse duration (epoxy
printed circuit board, S(Cu)=35mm, recommended
pad layout). ( SM B)
12
5
10
20
30
10
20
50
100
200
500
VR(V)
C(pF)
F=1MHz
Tj=25
°C
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values).
1.0E-3
1.0E-2
1.0E-1
1.0E+0
0
1
2
3
4
5
6
7
8
t(s)
IM(A)
Ta=50
°C
Ta=75
°C
Ta=100
°C
IM
t
δ=0.5
Fig. 3-2: Non repetitive surge peak forward current
versus overload duration (maximum values) (SMA).
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-a)/Rth(j-a)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
tp
Fig. 4-2: Relative variation of thermal impedance
junction to ambient versus pulse duration (epoxy
printed circuit board, S(Cu)=35mm, recommended
pad layout).( SMA )
STPS130A/U
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com