Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS130U Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS130U
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS130U Datasheet(HTML) 1 Page - STMicroelectronics

  STPS130U Datasheet HTML 1Page - STMicroelectronics STPS130U Datasheet HTML 2Page - STMicroelectronics STPS130U Datasheet HTML 3Page - STMicroelectronics STPS130U Datasheet HTML 4Page - STMicroelectronics STPS130U Datasheet HTML 5Page - STMicroelectronics STPS130U Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STPS130A/U
®
July 1998 - Ed: 5A
SCHOTTKY RECTIFIER
IF(AV)
1A
VRRM
30 V
VF (max)
0.46 V
MAIN PRODUCT CHARACTERISTICS
LOW DROP FORWARD VOLTAGE FOR LESS
POWER DISSIPATION AND LOW LEAKAGE
OPTIMIZED
CONDUCTION
/
REVERSE
LOSSES TRADE-OFF ALLOWING THE HIGH-
EST EFFICIENCY IN APPLICATION
SURFACE MOUNT MINIATURE PACKAGE
FEATURES AND BENEFITS
Single Schottky rectifier suited to Switched Mode
Power Supplies and high frequency DC/DC con-
verters.
Packaged in SMA or SMB(*), this device is espe-
cially intended for use in parallel with MOSFETs in
synchronous rectification and low voltage secon-
dary rectification.
(*) in accordance with DO214AA and DO214AC JEDEC
DESCRIPTION
SMB
STPS130U
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF(RMS)
RMS forward current
7
A
IF(AV)
Average forward current
TL = 135
°C
δ = 0.5
1A
IFSM
Surge non repetitive forward current
tp = 10 ms
Sinusoidal
45
A
IRRM
Repetitive peak reverse current
tp = 2
µs
F = 1kHz
1A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
1
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum junction temperature
150
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
SMA
STPS130A
1/6


Similar Part No. - STPS130U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130U STMICROELECTRONICS-STPS130U Datasheet
70Kb / 7P
POWER SCHOTTKY RECTIFIER
REV. 5
More results

Similar Description - STPS130U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
10BQ030 IRF-10BQ030_02 Datasheet
92Kb / 6P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com