Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6756DTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6756DTR
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756DTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6756DTR Datasheet HTML 9Page - STMicroelectronics L6756DTR Datasheet HTML 10Page - STMicroelectronics L6756DTR Datasheet HTML 11Page - STMicroelectronics L6756DTR Datasheet HTML 12Page - STMicroelectronics L6756DTR Datasheet HTML 13Page - STMicroelectronics L6756DTR Datasheet HTML 14Page - STMicroelectronics L6756DTR Datasheet HTML 15Page - STMicroelectronics L6756DTR Datasheet HTML 16Page - STMicroelectronics L6756DTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
L6756D
Electrical specifications
13/36
PSI#/VR10
Input threshold
Input low
0.3
V
Input high
0.8
V
VREF
Reference voltage
2.450
2.500
2.550
V
LTBGAIN
LTBGAIN voltage
1.24
V
Differential current sense and current monitor
kIDROOP
DROOP accuracy
Rg = 1 k
Ω; I
DROOP < 100 μA-4
4
μA
kIMON
IMON accuracy
Rg = 1 k
Ω; I
MON < 100 μA-6
6
μA
kILIM
ILIM accuracy
Rg = 1 k
Ω; I
ILIM < 100 μA-8
8
μA
PWM outputs
Gx
Output high
I = 1 mA
3
V
Output low
I = -1 mA
0.2
V
IGx
Test current
10
μA
DRVON
Output low
I = -5 mA
0.4
V
Protections
OVP
VSEN rising; wrt Ref.
150
175
200
mV
UVP
Under voltage protection
VSEN falling; wrt Ref; Ref > 500mV
-400
mV
VR_RDY
Voltage low
IVR_RDY = -4 mA
0.4
V
VFB-DISC
FB disconnection
VCSN rising, above VSEN
550
650
750
mV
FBG DISC
FBG disconnection
EA NI input wrt VID
400
500
600
mV
VILIM_OC
OC threshold
VILIM rising
1.6
1.7
1.8
V
VILIM rising, during DVID
2.5
V
Table 5.
Electrical characteristics (continued)
(VCC = 12 V ± 15 %, TJ = 0 °C to 70 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com