Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1545CG-TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS1545CG-TR
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1545CG-TR Datasheet(HTML) 2 Page - STMicroelectronics

  STPS1545CG-TR Datasheet HTML 1Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 2Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 3Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 4Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 5Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 6Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AB / D
2PAK
Per diode
Total
3.0
1.7
°C/W
ISOWATT220AB
Per diode
Total
5.5
4.2
Rth (c)
TO-220AB / D
2PAK
Coupling
0.35
ISOWATT220AB
2.9
When the diodes 1 and 2 are used simultaneously:
∆ Tj (diode 1) = P (diode1)x Rth(j-c) (per diode) + P (diode 2) x Rth(c)
THERMAL RESISTANCES
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25
°CVR =VRRM
100
µA
Tj = 125
°C
5
15
mA
VF *
Forward voltage drop
Tj = 125
°CIF = 7.5 A
0.5
0.57
V
Tj = 25
°CIF = 15 A
0.84
Tj = 125
°CIF = 15 A
0.65
0.72
STATIC ELECTRICAL CHARACTERISTICS (Per diode)
Pulse test :
* tp = 380
µs, δ <2%
To evaluate the conduction losses use the following equation :
P = 0.42 x IF(AV) + 0.020 IF
2
(RMS)
STPS1545CT/CF/CG
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com