Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER28HN Datasheet(PDF) 19 Page - STMicroelectronics

Part # VIPER28HN
Description  Off-line high voltage converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER28HN Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VIPER28HN Datasheet HTML 15Page - STMicroelectronics VIPER28HN Datasheet HTML 16Page - STMicroelectronics VIPER28HN Datasheet HTML 17Page - STMicroelectronics VIPER28HN Datasheet HTML 18Page - STMicroelectronics VIPER28HN Datasheet HTML 19Page - STMicroelectronics VIPER28HN Datasheet HTML 20Page - STMicroelectronics VIPER28HN Datasheet HTML 21Page - STMicroelectronics VIPER28HN Datasheet HTML 22Page - STMicroelectronics VIPER28HN Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
VIPER28
Operation descriptions
19/29
7.7
Current mode conversion with adjustable current limit set
point
The device is a current mode converter: the drain current is sensed and converted in voltage
that is applied to the non inverting pin of the PWM comparator. This voltage is compared
with the one on the feed-back pin through a voltage divider on cycle by cycle basis.
The VIPER28 has a default current limit value, IDLIM, that the designer can adjust according
the electrical specification, by the RLIM resistor connected to the CONT see Figure 12 on
page 12.
The CONT pin has a minimum current sunk needed to activate the IDLIM adjustment: without
RLIM or with high RLIM (i.e. 100 kΩ) the current limit is fixed to the default value (see IDLIM,
Table 8 on page 8).
7.8
Over-voltage protection (OVP)
The device can monitor the converter output voltage. This operation is done by CONT pin
during power MOSFET OFF-time, when the voltage generated by the auxiliary winding
tracks converter's output voltage, through turn ratio
See Figure 22.
In order to perform the output voltage monitor, the CONT pin has to be connected to the aux
winding through a resistor divider made up by RLIM and ROVP
(see Figure 17 (R3, R4 are respectively ROVP and RLIM)and Figure 23). If the voltage
applied to the CONT pin exceeds the internal 3 V reference for four consecutive times the
controller recognizes an over-voltage condition. This special feature uses an internal
counter; that is to reduce sensitivity to noise and prevent the latch from being erroneously
activated. see Figure 22 on page 20. The counter is reset every time the OVP signal is not
triggered in one oscillator cycle.
Referring to the Figure 17, the resistors divider ratio kOVP will be given by:
Equation 2
Equation 3
N
AUX
N
SEC
--------------
k
OVP
V
OVP
N
AUX
N
SEC
--------------
V
OUTOVP
V
DSEC
+
() V
DAUX
–
⋅
---------------------------------------------------------------------------------------------------
=
k
OVP
R
LIM
R
LIM
R
OVP
+
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com